Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL38IB Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT86VL38IB
Description  OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL38IB Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT86VL38IB Datasheet HTML 4Page - Exar Corporation XRT86VL38IB Datasheet HTML 5Page - Exar Corporation XRT86VL38IB Datasheet HTML 6Page - Exar Corporation XRT86VL38IB Datasheet HTML 7Page - Exar Corporation XRT86VL38IB Datasheet HTML 8Page - Exar Corporation XRT86VL38IB Datasheet HTML 9Page - Exar Corporation XRT86VL38IB Datasheet HTML 10Page - Exar Corporation XRT86VL38IB Datasheet HTML 11Page - Exar Corporation XRT86VL38IB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 180 page
background image
XRT86VL38
PRELIMINARY
III
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. P1.0.9
LIST OF TABLES
Table 1:: Register Summary .............................................................................................................................................. 6
Table 2:: Clock Select Register (CSR)
Hex Address: 0xn100 .................. 12
Table 3:: Line Interface Control Register (LICR)
Hex Address: 0xn101 .................... 14
Table 4:: General Purpose Input/Output 0 Control Register (GPIOCR0)
Hex Address: 0x0102 ...................... 16
Table 5:: General Purpose Input/Output 1 Control Register (GPIOCR1)
Hex Address: 0x4102 ....................... 17
Table 6:: Framing Select Register (FSR)
Hex Address: 0xn107 ................ 18
Table 7:: Alarm Generation Register (AGR)
Hex Address: 0xn108 ................... 22
Table 8:: Synchronization MUX Register (SMR)
Hex Address: 0xn109 ................. 24
Table 9:: Transmit Signaling and Data Link Select Register (TSDLSR)
Hex Address:0xn10A .................... 27
Table 10:: Framing Control Register (FCR)
Hex Address: 0xn10B ............... 30
Table 11:: Receive Signaling & Data Link Select Register (RSDLSR)
Hex Address: 0xn10C ................ 32
Table 12:: Receive Signaling Change Register 0 (RSCR 0)
Hex Address: 0xn10D ............ 34
Table 13:: Receive Signaling Change Register 1 (RSCR 1)
Hex Address: 0xn10E ........... 34
Table 14:: Receive Signaling Change Register 2 (RSCR 2)
Hex Address: 0xn10F ........... 34
Table 15:: Receive Signaling Change Register 3 (RSCR 3)
Hex Address: 0xn110 .......... 35
Table 16:: Receive National Bits Register (RNBR)
Hex Address: 0xn111 ............... 36
Table 17:: Receive Extra Bits Register (REBR)
Hex Address: 0xn112 .............. 37
Table 18:: Data Link Control Register (DLCR1)
Hex Address: 0xn113 .................. 39
Table 19:: Transmit Data Link Byte Count Register (TDLBCR1)
Hex Address: 0xn114 ............... 41
Table 20:: Receive Data Link Byte Count Register (RDLBCR1)
Hex Address: 0xn115 ................ 42
Table 21:: Slip Buffer Control Register (SBCR)
Hex Address: 0xn116 ................... 43
Table 22:: FIFO Latency Register (FFOLR)
Hex Address: 0xn117 ............... 44
Table 23:: DMA 0 (Write) Configuration Register (D0WCR)
Hex Address: 0xn118 ................. 45
Table 24:: DMA 1 (Read) Configuration Register (D1RCR)
Hex Address: 0xn119 ................ 46
Table 25:: Interrupt Control Register (ICR)
Hex Address: 0xn11A .................. 47
Table 26:: LAPD Select Register (LAPDSR)
Hex Address: 0xn11B ................ 48
Table 27:: Performance Report Control Register (PRCR)
Hex Address: 0xn11D ................... 48
Table 28:: Gapped Clock Control Register (GCCR)
Hex Address: 0xn11E ................. 49
Table 29:: Transmit Interface Control Register (TICR)
Hex Address:0xn120 ................... 50
Table 30:: Transmit Interface Speed When Multiplexed Mode is Disabled (TxMUXEN = 0) ........................................... 52
Table 31:: Transmit Interface Speed when Multiplexed Mode is Enabled (TxMUXEN = 1) ............................................ 53
Table 32:: PRBS Control And Status Register 0 (PRBSCSR0)
Hex Address: 0xn121 ................54
Table 33:: Receive Interface Control Register (RICR)
Hex Address: 0xn122 .................. 56
Table 34:: Receive Interface Speed When Multiplexed Mode is Disabled (TxMUXEN = 0) ............................................ 58
Table 35:: Receive Interface Speed when Multiplexed Mode is Enabled (TxMUXEN = 1) ............................................. 59
Table 36:: PRBS Control and Status Register 1 (PRBSCSR1)
Hex Address: 0xn123 ................. 60
Table 37:: Loopback Code Control Register (LCCR)
Hex Address: 0xn124 .................. 62
Table 38:: Transmit Loopback Coder Register (TLCR)
Hex Address: 0xn125 ................. 62
Table 39:: Receive Loopback Activation Code Register (RLACR)
Hex Address: 0xn126 ...............62
Table 40:: Receive Loopback Deactivation Code Register (RLDCR)
Hex Address: 0xn127 ................... 62
Table 41:: Defect Detection Enable Register (DDER)
Hex Address: 0xn129 ................... 62
Table 42:: Transmit Sa Select Register (TSASR)
Hex Address: 0xn130 ................ 63
Table 43:: Transmit Sa Auto Control Register 1 (TSACR1)
Hex Address: 0xn131 ................... 65
Table 44:: Conditions on Receive side When TSACR1 bits Are enabled ........................................................................ 66
Table 45:: Transmit Sa Auto Control Register 2 (TSACR2)
Hex Address: 0xn132 ...................... 67
Table 46:: Conditions on Receive side When TSACR2 bits enabled .............................................................................. 68
Table 47:: Transmit Sa4 Register (TSA4R)
Hex Address: 0xn133 ............. 69
Table 48:: Transmit Sa5 Register (TSA5R)
Hex Address: 0xn134 ............. 69
Table 49:: Transmit Sa6 Register (TSA6R)
Hex Address: 0xn135 ............. 69
Table 50:: Transmit Sa7 Register (TSA7R)
Hex Address: 0xn136 ............. 69
Table 51:: Transmit Sa8 Register (TSA8R)
Hex Address: 0xn137 ............. 70
Table 52:: Receive Sa4 Register (RSA4R)
Hex Address: 0xn13B ............. 71
Table 53:: Receive Sa5 Register (RSA5R)
Hex Address: 0xn13C ............. 71
Table 54:: Receive Sa6 Register (RSA6R)
Hex Address: 0xn13D ............. 71
Table 55:: Receive Sa7 Register (RSA7R)
Hex Address: 0xn13E ............. 72
Table 56:: Receive Sa8 Register (RSA8R)
Hex Address: 0xn13F ............. 72
Table 57:: Data Link Control Register (DLCR2)
Hex Address: 0xn143 .............. 73
Table 58:: Transmit Data Link Byte Count Register (TDLBCR2)
Hex Address: 0xn144 ............... 75


Similar Part No. - XRT86VL38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VL38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com