Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L30IQ Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT91L30IQ
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L30IQ Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT91L30IQ Datasheet HTML 6Page - Exar Corporation XRT91L30IQ Datasheet HTML 7Page - Exar Corporation XRT91L30IQ Datasheet HTML 8Page - Exar Corporation XRT91L30IQ Datasheet HTML 9Page - Exar Corporation XRT91L30IQ Datasheet HTML 10Page - Exar Corporation XRT91L30IQ Datasheet HTML 11Page - Exar Corporation XRT91L30IQ Datasheet HTML 12Page - Exar Corporation XRT91L30IQ Datasheet HTML 13Page - Exar Corporation XRT91L30IQ Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
XRT91L30
PRELIMINARY
xr
xr
xr
xr
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
REV. P1.0.8
8
REFCLKP
REFCLKN
LVPECL Diff
I
16
17
Reference Clock Input (77.76 MHz or 19.44 MHz)
This differential clock input reference is used for the transmit
clock multiplier unit (CMU) and clock data recovery (CDR) to
provide the necessary high speed clock reference for this
device. It will accept either a 77.76 MHz or a 19.44 MHz Differ-
ential LVPECL clock source. Pin CMUFREQSEL determines
the value used as the reference. See Pin CMUFREQSEL for
more details. REFCLKP/N inputs are internally biased to 1.65V.
NOTE:
In the event that TTLREFCLK LVTTL input is used
instead of these differential inputs for clock reference,
the REFCLKP should be tied to ground.
TTLREFCLK
LVTTL
I
36
TTL Reference Clock Input (77.76 MHz or 19.44 MHz)
This optional LVTTL clock input reference is used for the trans-
mit clock multiplier unit (CMU) and clock data recovery (CDR)
to provide the necessary high speed clock reference for this
device rather than a differential clock source. It will accept
either a 77.76 MHz or a 19.44 MHz LVTTL clock source. Pin
CMUFREQSEL determines the value used as the reference.
See Pin CMUFREQSEL for more details.
NOTE:
In the event that REFCLKP/N differential inputs are
used instead of this LVTTL input for clock reference,
the TTLREFCLK should be tied to ground.
TRANSMITTER SECTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION


Similar Part No. - XRT91L30IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L30IQ EXAR-XRT91L30IQ Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30IQ-F EXAR-XRT91L30IQ-F Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results

Similar Description - XRT91L30IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com