Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L80 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT91L80
Description  2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L80 Datasheet(HTML) 2 Page - Exar Corporation

  XRT91L80 Datasheet HTML 1Page - Exar Corporation XRT91L80 Datasheet HTML 2Page - Exar Corporation XRT91L80 Datasheet HTML 3Page - Exar Corporation XRT91L80 Datasheet HTML 4Page - Exar Corporation XRT91L80 Datasheet HTML 5Page - Exar Corporation XRT91L80 Datasheet HTML 6Page - Exar Corporation XRT91L80 Datasheet HTML 7Page - Exar Corporation XRT91L80 Datasheet HTML 8Page - Exar Corporation XRT91L80 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
XRT91L80
PRELIMINARY
xr
xr
xr
xr
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
REV. P1.0.4
2
FEATURES
2.488 / 2.666 Gbps Transceiver
Single-chip fully integrated solution containing parallel-to-serial converter, clock multiplier unit (CMU), serial-
to-parallel converter, limiting amplifier and clock data recovery (CDR) functions
Host mode serial microprocessor interface simplifies monitor and control
Separate reference and VCXO input ports support multiple de-jittering modes
On-chip phase detector and charge pump for external VCXO based de-jittering PLL
Targeted for SONET OC-48/SDH STM-16 Applications
Selectable full duplex operation between standard rate of 2.488 Gbps or Forward Error Correction rate of
2.666 Gbps
4-bit LVDS data paths at 622/666 MHz compliant with OIF SFI-4 Implimentation Agreement
Internal FIFO decouples transmit input and output clocks
Tx CMU and Rx CDR lock detect
Provides Local, Remote and Split Loop-Back modes as well as Loop Timing mode
Diagnostics features include various lock detect functions
Meets Telcordia, ANSI and ITU-T jitter requirements
Operates at 1.8V with 3.3V I/O
420mW Typical Power Dissipation
Package: 12 x 12 mm 196-pin STBGA
IEEE 1149.1 Compatable JTAG port
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT91L80IB
196 STBGA
-40°C to +85°C


Similar Part No. - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com