Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L80 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT91L80
Description  2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L80 Datasheet(HTML) 1 Page - Exar Corporation

  XRT91L80 Datasheet HTML 1Page - Exar Corporation XRT91L80 Datasheet HTML 2Page - Exar Corporation XRT91L80 Datasheet HTML 3Page - Exar Corporation XRT91L80 Datasheet HTML 4Page - Exar Corporation XRT91L80 Datasheet HTML 5Page - Exar Corporation XRT91L80 Datasheet HTML 6Page - Exar Corporation XRT91L80 Datasheet HTML 7Page - Exar Corporation XRT91L80 Datasheet HTML 8Page - Exar Corporation XRT91L80 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
xr
xr
xr
PRELIMINARY
XRT91L80
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
MARCH 2005
REV. P1.0.4
GENERAL DESCRIPTION
The XRT91L80 is a fully integrated SONET/SDH
transceiver for SONET OC-48 allowing the use of
Forward Error Correction (FEC) capability.
The
transceiver includes an on-chip Clock Multiplier Unit
(CMU), which uses a high frequency Phase-Locked
Loop (PLL) to generate the high-speed transmit serial
clock from slower external clock references. It also
provides Clock and Data Recovery (CDR) functions
by synchronizing its on-chip Voltage Controlled
Oscillator (VCO) to the incoming serial data stream.
The chip provides serial-to-parallel and parallel-to-
serial converters and 4-bit LVDS system interfaces in
both receive and transmit directions.
The transmit
section includes a 4x9 Elastic Buffer (FIFO) to absorb
any phase differences between the transmitter input
clock
and
the
internally
generated
transmitter
reference clock.
In the event of an overflow, an
internal FIFO control circuit outputs an OVERFLOW
indication.
The FIFO under the control of the
AUTORST pin can automatically recover from an
overflow condition. The operation of the device can
be monitored by checking the status of the LOCKDET
and LOSDET output signals.
An on-chip phase/
frequency detector and charge-pump offers the ability
to form a de-jittering PLL with an external VCXO that
can be used in loop timing mode to clean up the
recovered clock in the receive section.
APPLICATIONS
SONET/SDH-based Transmission Systems
Add/Drop Multiplexers
Cross Connect Equipment
ATM and Multi-Service Switches, Routers and
Switch/Routers
DSLAMS
SONET/SDH Test Equipment
DWDM Termination Equipment
FIGURE 1. BLOCK DIAGRAM OF XRT91L80
PISO
(Parallel Input
Serial Output)
PFD
& Charge Pump
TxDI0P/N
Serial
Microprocessor
Hardware
Control
TxDI1P/N
TxDI2P/N
TxDI3P/N
TxCLKIP/N
DLOOP
RLOOPP
RxDO0P/N
RxDO1P/N
RxDO2P/N
RxDO3P/N
RxCLKP/N
WP
RP
SIPO
(Serial Input
Parallel Output)
RLOOPS
CDR
Re-Timer
CMU
TXOP/N
RXIP/N
TXPCLKOP/N
TXCLKO16P/N
TRITXCLKO16
FIFO_RST
FIFO_AUTORST
TRIRXD
RXCLK16P/N
DISRD
OC-48 TRANSCEIVER
JTAG
TDO
TDI
TCK
TMS
TRST


Similar Part No. - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com