Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L82 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT91L82
Description  2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L82 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT91L82 Datasheet HTML 6Page - Exar Corporation XRT91L82 Datasheet HTML 7Page - Exar Corporation XRT91L82 Datasheet HTML 8Page - Exar Corporation XRT91L82 Datasheet HTML 9Page - Exar Corporation XRT91L82 Datasheet HTML 10Page - Exar Corporation XRT91L82 Datasheet HTML 11Page - Exar Corporation XRT91L82 Datasheet HTML 12Page - Exar Corporation XRT91L82 Datasheet HTML 13Page - Exar Corporation XRT91L82 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
XRT91L82
PRELIMINARY
xr
xr
xr
xr
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
REV. P1.0.5
7
DLOOP
LVTTL,
LVCMOS
I
E11
Digital Local Loopback
The digital local loopback mode interconnects the 16-bit parallel
transmit data and parallel transmit clock input to the 16-bit par-
allel receive data and parallel receive clock output respectively
while maintaining the transmit serial data output. If digital local
loopback is enabled, the receive serial data input is ignored.
"Low" = Digital Local Loopback Mode Enabled
"High" = Disabled
This pin is provided with an internal pull-up.
LOOPTM_NOJA
/ SDI
LVTTL,
LVCMOS
I
C10
Loop Timing Mode With No Jitter Attenuation
Hardware Mode When the loop timing mode is activated, the
external local reference clock input to the CMU is replaced with
the 1/16th of the high-speed recovered receive clock coming
from the CDR.
"Low" = Disabled
"High" = Loop timing Activated
This pin is provided with an internal pull-down.
Host Mode This pin is functions as the microprocessor Serial
Data Input.
COMMON CONTROL
NAME
LEVEL
TYPE
PIN
DESCRIPTION


Similar Part No. - XRT91L82

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L82

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
   2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com