Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L82 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT91L82
Description  2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L82 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT91L82 Datasheet HTML 4Page - Exar Corporation XRT91L82 Datasheet HTML 5Page - Exar Corporation XRT91L82 Datasheet HTML 6Page - Exar Corporation XRT91L82 Datasheet HTML 7Page - Exar Corporation XRT91L82 Datasheet HTML 8Page - Exar Corporation XRT91L82 Datasheet HTML 9Page - Exar Corporation XRT91L82 Datasheet HTML 10Page - Exar Corporation XRT91L82 Datasheet HTML 11Page - Exar Corporation XRT91L82 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
XRT91L82
PRELIMINARY
xr
xr
xr
xr
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
REV. P1.0.5
5
REF2CLKP
REF2CLKN
LVPECL Diff
I
A11
B11
Reference Clock Input 2
This differential clock input reference is used for the transmit
clock multiplier unit (CMU) and clock data recovery (CDR) to
provide the necessary high-speed clock reference for this
device. Pin REFREQSEL[1:0] determines the value used as
the reference. See Pin REFREQSEL[1:0] for more details.
Internally terminated and biased.
REFREQSEL1
/ SCLK
LVTTL,
LVCMOS
I
D12
Reference Clock Frequency Select
Hardware Mode REFREQSEL1 pin is used to select the fre-
quency of the REF1CLK and/or REF2CLK input to the CMU
and CDR.
NOTE:
Non-FEC rates require 155.52 MHz clock reference.
FEC rates require 166.63 MHz clock reference
This pin is provided with an internal pull-down.
Host Mode This pin is functions as the microprocessor Serial
Clock Input.
REFREQSEL0
LVTTL,
LVCMOS
I
E12
Reference Clock Frequency Select
REFREQSEL0 pin is used to select the frequency of the
REF1CLK and/or REF2CLK input to the CMU and CDR.
NOTE:
Non-FEC rates require 155.52 MHz clock reference.
FEC rates require 166.63 MHz clock reference
This pin is provided with an internal pull-down.
COMMON CONTROL
NAME
LEVEL
TYPE
PIN
DESCRIPTION
REFREQSEL
[1:0]
CMU
REFERENCE FREQUENCY
CDR
REFERENCE FREQUENCY
00
155.52 MHz present on
REF1CLK
REF2CLK not used
155.52 MHz present on
REF1CLK
REF2CLK not used
01
155.52 MHz present on
REF1CLK
166.63 MHz present on
REF2CLK
10
166.63 MHz present on
REF2CLK
155.52 MHz present on
REF1CLK
11
166.63 MHz present on
REF2CLK
REF1CLK not used
166.63 MHz present on
REF2CLK
REF1CLK not used
REFREQSEL
[1:0]
CMU
REFERENCE FREQUENCY
CDR
REFERENCE FREQUENCY
00
155.52 MHz present on
REF1CLK
REF2CLK not used
155.52 MHz present on
REF1CLK
REF2CLK not used
01
155.52 MHz present on
REF1CLK
166.63 MHz present on
REF2CLK
10
166.63 MHz present on
REF2CLK
155.52 MHz present on
REF1CLK
11
166.63 MHz present on
REF2CLK
REF1CLK not used
166.63 MHz present on
REF2CLK
REF1CLK not used


Similar Part No. - XRT91L82

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L82

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
   2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com