Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT95L53 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT95L53
Description  OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT95L53 Datasheet(HTML) 2 Page - Exar Corporation

  XRT95L53 Datasheet HTML 1Page - Exar Corporation XRT95L53 Datasheet HTML 2Page - Exar Corporation XRT95L53 Datasheet HTML 3Page - Exar Corporation XRT95L53 Datasheet HTML 4Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XRT95L53 EX
tendAR-48M
xr
OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
REV. P1.0.0
2
Supports mapping of data using POS/HDLC framing into SONET/SDH in accordance with RFC2615 & IETF
1662
Optionally supports PPP/BCP (Bridging Control Protocol) encapsulation
Performs ATM cell de-lineation and maps ATM packets into SONET/SDH using POS/HDLC
Support for 48 DS3 and sub-rate DS3 framers on-chip
Maps/De-maps DS3 signals into SONET/SDH payloads
Supports extensive performance monitoring on DS3 data
Integrated fractional DS3/T3 and scrambling functions
Supports mapping of Ethernet data over SDH using LAPS framing according to ITU-T X.86
Supports a 32 bit micro-processor interface for management, configuration, gathering extended statistics
and providing interrupts for alarm processing
Supports performance monitoring and alarms as required by GR.253, G.707 and ANSI T1.105
FIGURE 1. XRT95L53 EX
tendAR-48M BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT95L53
PBGA 780
-40°C to 85°C
STS-48
4-bit @622Mhz
4xSTS-12/STS-3
OC-48
Serdes
4x
OC-12
Serdes
Section/Line/
TOH
Processor
Section/Line/
TOH
Processor
Pointer
Proc.
STS-1
Path
Overhead
Processor
and
Cross
Connect
GFP
LAPS
PPP
ATM
GFP
LAPS
PPP
ATM
VC
LCAS
VC
LCAS
JTAG
Interface
Overhead Add/Drop Bus
32 bit uProcessor
Interface
SDRAM
Interface
DS3/
Sub-rate
DS3
Framers
DS3/
Sub-rate
DS3
Framers
STS-12 (Add/drop port)
4x1-bit@622Mhz
SPI-3
Interface
POS-PHY 3
G-Header
Interface
PRELIMINARY


Similar Part No. - XRT95L53

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT95L51 EXAR-XRT95L51 Datasheet
123Kb / 8P
   OC-48 ATM UNI/POS/MAPPER IC
XRT95L51IB EXAR-XRT95L51IB Datasheet
123Kb / 8P
   OC-48 ATM UNI/POS/MAPPER IC
More results

Similar Description - XRT95L53

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_07 Datasheet
279Kb / 17P
   SONET OC-48 Transceiver
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Cypress Semiconductor
CY7C9537B CYPRESS-CY7C9537B Datasheet
686Kb / 43P
   OC-48/STM-16 Framer-POSIC2G
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
   OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
Cypress Semiconductor
CY7C9536B CYPRESS-CY7C9536B Datasheet
757Kb / 46P
   OC-48/STM-16 Framer with VC - POSIC2GVC?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com