Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT5894IV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT5894IV
Description  Four-Channel E1 Line Interface (3.3V or 5.0V)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5894IV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT5894IV Datasheet HTML 5Page - Exar Corporation XRT5894IV Datasheet HTML 6Page - Exar Corporation XRT5894IV Datasheet HTML 7Page - Exar Corporation XRT5894IV Datasheet HTML 8Page - Exar Corporation XRT5894IV Datasheet HTML 9Page - Exar Corporation XRT5894IV Datasheet HTML 10Page - Exar Corporation XRT5894IV Datasheet HTML 11Page - Exar Corporation XRT5894IV Datasheet HTML 12Page - Exar Corporation XRT5894IV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
XRT5894
9
Rev. 1.10
TXOUT (n)
TXCLK (n)
TXNEG (n)
TXPOS (n)
TSU
THO
TSU
THO
T1
T2
TR
TF
T3
VTXOUT
TXPW
VTXOUT
TXPW
T3
RXIN (n)
RPOS (n)
RXNEG (n)
T5
T4
T5
T4
T6
T7
T6
T7
Figure 2. Transmit Timing Diagram
Figure 3. Receive Timing Diagram


Similar Part No. - XRT5894IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
XRT5897IV EXAR-XRT5897IV Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
More results

Similar Description - XRT5894IV

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
   3.3V E1/T1/J1 Line Interface
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
logo
Dallas Semiconductor
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
   3.3V E1/T1/J1 Quad Line Interface
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
logo
Exar Corporation
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com