Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT5897IV Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT5897IV
Description  Seven-Channel E1 Line Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5897IV Datasheet(HTML) 2 Page - Exar Corporation

  XRT5897IV Datasheet HTML 1Page - Exar Corporation XRT5897IV Datasheet HTML 2Page - Exar Corporation XRT5897IV Datasheet HTML 3Page - Exar Corporation XRT5897IV Datasheet HTML 4Page - Exar Corporation XRT5897IV Datasheet HTML 5Page - Exar Corporation XRT5897IV Datasheet HTML 6Page - Exar Corporation XRT5897IV Datasheet HTML 7Page - Exar Corporation XRT5897IV Datasheet HTML 8Page - Exar Corporation XRT5897IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
XRT5897
2
Rev. 1.11
BLOCK DIAGRAM
Figure 1. XRT5897 Block Diagram
RTIP7 (69)
RXPOS7 (5)
RRING7 (68)
TXCLK7 (87)
TTIP7 (89)
TRING7 (91)
LOSSEL (38)
LOSCNT (73)
RXNEG7 (6)
LOS7 (4)
TXPOS7 (85)
TXNEG7 (86)
Singnal
Peak
LOS
Detect
Loss
Delay
MUX
O
Pulse
Shaping
NRZ
To
Duty
Cycle
MUX
0
2:1
1:2
R1
RING
RING
TIP
RX INPUT
TIP
TX OUTPUT
Receive
Comparators
Line
Drivers
R2
R3
9.1
R4
9.1
Tranceiver 7
Detector
Counter
1
RZ
Adjust
0
1
1
Transmit
Tranceiver 6
Tranceiver 5
Tranceiver 4
Tranceiver 3
Tranceiver 2
Tranceiver 1
VCC
Receiver Notes
D
The same type 1:2CT ratio transformer may be
used at the receiver input and transmitter output.
D
R1 and R2 are both 150W for 75W operation, or
240W for 120W operation.
D
Return loss exceeds ITU G.703 specification with
these resistors and a 1:2CT ratio input transformer.
LOS (Loss of Signal) Notes
D
LOSSEL (pin 38) is connected to logic “1” for ITU
G.775 compliant LOS delay, or to logic 0 for user
programmable additional delay.
D
LOSCNT (pin 73) is unconnected when LOSSEL is
logic 1, or connected to an external clock when
LOSSEL is logic 0.
Transmitter Notes
D
Return loss exceeds ETSI 300 166 specification
with a 1:2 ratio transformer.
D
R3 and R4 are always 9.1W for both 75W and 120W
applications.
D
An approach exists that permits the user to operate
the XRT5897 with a 5V power supply. For more
information, please see application note TAN-12.


Similar Part No. - XRT5897IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5894 EXAR-XRT5894 Datasheet
849Kb / 19P
   Four-Channel E1 Line Interface (3.3V or 5.0V)
XRT5894IV EXAR-XRT5894IV Datasheet
849Kb / 19P
   Four-Channel E1 Line Interface (3.3V or 5.0V)
More results

Similar Description - XRT5897IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
   SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com