Electronic Components Datasheet Search |
|
XRT6164A Datasheet(PDF) 1 Page - Exar Corporation |
|
XRT6164A Datasheet(HTML) 1 Page - Exar Corporation |
1 / 10 page EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 • (510) 668-7000 • FAX (510) 668-7017 Rev. 2.0.0 XRT6164A Digital Line Interface Transceiver September 2003 FEATURES l Single 5V Supply l Compatible with CCITT G.703 64Kbps Co- Directional Interface Recommendation When Used With Either XRT6165 or XRT6166 l Low Power l Converts Balanced Bipolar Transmit and Receive Signals Propagated Over Two Twisted Pair Cables to TTL Compatible Dual-Rail Data l Links Remote Equipment Equipped With CCITT G.703 64Kbps Co-Directional Interfaces Over Distances Up to 500 Meters Without Equalization l Receive Data Comparator Threshold Storage Provides Ping-Pong Operation Capability l Loss of Signal Alarm l Dual Matched Driver Outputs APPLICATIONS l Data Adaption Unit (DAU) l General Purpose TTL Compatible Line Interface GENERAL DESCRIPTION The XRT6164A is a bipolar analog chip intended for general purpose line interface applications at bit rates up to 1.544Mbps (T1). It contains both receive and transmit circuitry in a 16-pin dual-in-line plastic (PDIP) package. The receiver is designed for short line applications having a cable loss up to 10dB measured at the half bit rate. The transmitter has open collector line driver outputs that are capable of handling up to 40mA. When used in conjunction with either XRT6165 or XRT6166, the chip set provides a 64Kbps codirectional interface as specified in CCITT G.703. ORDERING INFORMATION Part No. Package Operating Temperature Range XRT6164AIP 16-Lead 300 Mil PDIP -10° C to +85° C XRT6164AID 16-Lead 300 Mil JEDEC SOIC -10° C to +85° C |
Similar Part No. - XRT6164A |
|
Similar Description - XRT6164A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |