Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT6164AID Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT6164AID
Description  Digital Line Interface Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164AID Datasheet(HTML) 1 Page - Exar Corporation

  XRT6164AID Datasheet HTML 1Page - Exar Corporation XRT6164AID Datasheet HTML 2Page - Exar Corporation XRT6164AID Datasheet HTML 3Page - Exar Corporation XRT6164AID Datasheet HTML 4Page - Exar Corporation XRT6164AID Datasheet HTML 5Page - Exar Corporation XRT6164AID Datasheet HTML 6Page - Exar Corporation XRT6164AID Datasheet HTML 7Page - Exar Corporation XRT6164AID Datasheet HTML 8Page - Exar Corporation XRT6164AID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
Rev. 2.0.0
XRT6164A
Digital Line Interface Transceiver
September 2003
FEATURES
l
Single 5V Supply
l
Compatible with CCITT G.703 64Kbps Co-
Directional Interface Recommendation When
Used With Either XRT6165 or XRT6166
l
Low Power
l
Converts Balanced Bipolar Transmit and
Receive Signals Propagated Over Two Twisted
Pair Cables to TTL Compatible Dual-Rail Data
l
Links Remote Equipment Equipped With
CCITT G.703 64Kbps Co-Directional Interfaces
Over Distances Up to 500 Meters Without
Equalization
l
Receive Data Comparator Threshold Storage
Provides Ping-Pong Operation Capability
l
Loss of Signal Alarm
l
Dual Matched Driver Outputs
APPLICATIONS
l
Data Adaption Unit (DAU)
l
General Purpose TTL Compatible Line Interface
GENERAL DESCRIPTION
The XRT6164A is a bipolar analog chip intended for general purpose line interface applications at bit rates up to
1.544Mbps (T1). It contains both receive and transmit circuitry in a 16-pin dual-in-line plastic (PDIP) package. The
receiver is designed for short line applications having a cable loss up to 10dB measured at the half bit rate. The
transmitter has open collector line driver outputs that are capable of handling up to 40mA. When used in conjunction
with either XRT6165 or XRT6166, the chip set provides a 64Kbps codirectional interface as specified in CCITT G.703.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XRT6164AIP
16-Lead 300 Mil PDIP
-10° C to +85° C
XRT6164AID
16-Lead 300 Mil JEDEC SOIC
-10° C to +85° C


Similar Part No. - XRT6164AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164AID EXAR-XRT6164AID Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164AID EXAR-XRT6164AID Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
More results

Similar Description - XRT6164AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164 Datasheet
495Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
   Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
   Digital Line to POTS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com