Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-T5794IJ Datasheet(PDF) 5 Page - Exar Corporation

Part # XR-T5794IJ
Description  Quad E-1 Line Interface Unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T5794IJ Datasheet(HTML) 5 Page - Exar Corporation

  XR-T5794IJ Datasheet HTML 1Page - Exar Corporation XR-T5794IJ Datasheet HTML 2Page - Exar Corporation XR-T5794IJ Datasheet HTML 3Page - Exar Corporation XR-T5794IJ Datasheet HTML 4Page - Exar Corporation XR-T5794IJ Datasheet HTML 5Page - Exar Corporation XR-T5794IJ Datasheet HTML 6Page - Exar Corporation XR-T5794IJ Datasheet HTML 7Page - Exar Corporation XR-T5794IJ Datasheet HTML 8Page - Exar Corporation XR-T5794IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
XR-T5794
5
Rev. 2.01
PIN DESCRIPTION (CONT’D)
PLCC
Pin #
SQFP
Pin #
Symbol
Type
Description
25
18
RXNEG4
O
Receiver 4 Negative Data Out. Negative data output in NRZ or RZ format for
receiver 4.
26
19, 20
RVDD
VDD
Receive VDD. +5V ($5%).
27
21
LPMOD4
I
Loop Mode 4. If driven high the loopback mode of channel 4 will be set to re-
mote loop. Otherwise theloopback mode will remain at local loop. The
actual loopback will be activated when the LOOPEN4 is asserted.
28
22
LPMOD3
I
Loop Mode 3. If driven high the loopback mode of channel 3 will be set to re-
mote loop. Otherwise the loopback mode will remain at local loop. The
actual loopback will be activated when the LOOPEN3 is asserted.
29
23
RXIN4
I
Receiver 4 Input. Receiver 4 bipolar input connected to coupling capacitor or
pulse transformer.
30
24
LOS4
O
Receiver 4 Loss Of Signal. Asserted during LOS condition. Clear otherwise.
31
25
LOS3
O
Receiver 3 Loss Of Signal. Asserted during LOS condition. Clear otherwise.
32
26
RXIN3
I
Receiver 3 Input. Receiver 3 bipolar input connected to coupling capacitor or
pulse transformer.
33
27
MSEL0
I
Monitor Channel Select 0. Select line, used to select a channel for monitoring
using the MOUT pin based on the following assignment:
MSEL2
MSEL1
MSEL0
SELECTS
0
0
0
Line 1 Receive
0
0
1
Line 2 Receive
0
1
0
Line 3 Receive
0
1
1
Line 4 Receive
1
0
0
Line 1 Transmit
1
0
1
Line 2 Transmit
1
1
0
Line 3 Transmit
1
1
1
Line 4 Transmit
Note
The monitoring is only done on the NRZ data output signals from the receiver or from the
transmitter line side.
34
28
MSEL1
I
Monitor Channel Select 1. See table above.
35
29, 30
RGND
GND
Receive Ground.
36
31
RGND
GND
Receive Ground.
37
32
MSEL2
I
Monitor Channel Select 2. See table above.
38
33
RXIN2
I
Receiver 2 Input. Receiver 2 bipolar input connected to coupling capacitor or
pulse transformer.
39
34
LOS1
O
Receiver 1 Loss Of Signal. Asserted during LOS condition. Clear otherwise.
40
35
LOS2
O
Receiver 2 Loss Of Signal. Asserted during LOS condition. Clear otherwise.
41
36
RXIN1
I
Receiver 1 Input. Receiver 1 bipolar input connected to coupling capacitor or
pulse transformer.
42
37
LPMOD2
I
Loop Mode 2. If driven high the loopback mode of channel 2 will be set to re-
mote loop. Otherwise the loopback mode will remain at local loop. The
actual loopback will be activated when the LOOPEN2 is asserted.


Similar Part No. - XR-T5794IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XR-T5793IJ EXAR-XR-T5793IJ Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XR-T5793IV EXAR-XR-T5793IV Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
More results

Similar Description - XR-T5794IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
logo
Bothhand USA, LP.
S5778A BOTHHAND-S5778A Datasheet
271Kb / 1P
   DIL SINGLE T-1/E-1 LINE INTERFACE
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
   QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com