Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT162244DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT162244DGG
Description  16-bit buffer/line driver with 30ohm series termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT162244DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  BT162244DGG Datasheet HTML 1Page - NXP Semiconductors BT162244DGG Datasheet HTML 2Page - NXP Semiconductors BT162244DGG Datasheet HTML 3Page - NXP Semiconductors BT162244DGG Datasheet HTML 4Page - NXP Semiconductors BT162244DGG Datasheet HTML 5Page - NXP Semiconductors BT162244DGG Datasheet HTML 6Page - NXP Semiconductors BT162244DGG Datasheet HTML 7Page - NXP Semiconductors BT162244DGG Datasheet HTML 8Page - NXP Semiconductors BT162244DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT162244
74ABTH162244
16-bit buffer/line driver with 30
Ω series
termination resistors (3-State)
2
1998 Oct 22
853-1773 20224
FEATURES
16-bit bus interface
Multiple V
CC and GND pins minimize switching noise
Power-up 3-State
3-State buffers
Output capability: +12 mA/–32mA
Live insertion/extraction permitted
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Same part as 74ABT162244-1
74ABTH162244 incorporates bus hold data inputs which eliminate
the need for external pull–up resistors to hold unused inputs
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
DESCRIPTION
The 74ABT162244 high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed.
The 74ABT162244 device is a 16-bit buffer that is ideal for driving
bus lines. The device features four Output Enables (1OE, 2OE,
3OE, 4OE), each controlling four of the 3-State outputs.
The 74ABT162244 is designed with 30
Ω series resistance in both
the upper and lower output structures. This design reduces line
noise in applications such as memory address drivers, clock drivers
and bus receivers/transmitters.
The 74ABT162244 is the same as the 74ABT16244-1. The part
number has been changed to reflect industry standards.
Two options are available, 74ABT162244 which does not have the
bus hold feature and the 74ABTH162244 which incorporates the bus
hold feature.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y4
VCC
4Y0
VCC
3Y2
4Y1
GND
4Y3
4OE
4Y2
2OE
1A0
1A1
GND
1A2
1A3
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A3
VCC
4A0
VCC
3A2
4A1
GND
4A3
3OE
4A2
SA00013
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF; VCC = 5V
1.8
3.2
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent supply current
Outputs Low; VCC = 5.5V
10
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT162244 DL
BT162244 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT162244 DGG
BT162244 DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH162244 DL
BH162244 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH162244 DGG
BH162244 DGG
SOT362-1


Similar Part No. - BT162244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT162240DGG PHILIPS-BT162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
BT162240DL PHILIPS-BT162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
BT162245ADGG PHILIPS-BT162245ADGG Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
BT162245ADL PHILIPS-BT162245ADL Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
More results

Similar Description - BT162244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com