Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5180P1U Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5180P1U
Description  Switching Regulator Power Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5180P1U Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G5180P1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5180P1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver: 0.4 Preliminary
Apr 27, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5180
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
I/O
FUNCTION
1
IN-
I
Error amplifier inverting input
2
SCP
-
Soft start and SCP setting capacitor connection
3
VCC
-
Power supply
4
BR/CTL
I
Output current setting and control
5
OUT
O
Output
6
GND
-
Ground
7
OSC
-
Capacitor and resistor connection pin for setting the oscillation frequency
8
FB
O
Error amplifier output
Block Diagram
4
5
SAWTOOTH WAVE
OSCILLATOR
SOFT START
SCP
OUTPUT DRIVER
CONTROL
REFERENCE
VOLTAGE
UVLO
6
2
8
1
+
+
7
3
+
+
+
+
1.25V
VCC
OSC
BR/CTL
OUT
GND
SCP
FB
IN-
0.5V
4
5
SAWTOOTH WAVE
OSCILLATOR
SOFT START
SCP
OUTPUT DRIVER
CONTROL
REFERENCE
VOLTAGE
UVLO
6
2
8
1
+
+
7
3
+
+
+
+
1.25V
VCC
OSC
BR/CTL
OUT
GND
SCP
FB
IN-
0.5V


Similar Part No. - G5180P1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5180 GMT-G5180_15 Datasheet
105Kb / 1P
   Switching Regulator Power Controller
More results

Similar Description - G5180P1U

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP3800 CERAMATE-CP3800 Datasheet
842Kb / 19P
   Switching Regulator Power Controller
logo
Global Mixed-mode Techn...
G5180 GMT-G5180_15 Datasheet
105Kb / 1P
   Switching Regulator Power Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com