Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87782 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87782 Datasheet HTML 7Page - National Semiconductor (TI) PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) PC87782 Datasheet HTML 10Page - National Semiconductor (TI) PC87782 Datasheet HTML 11Page - National Semiconductor (TI) PC87782 Datasheet HTML 12Page - National Semiconductor (TI) PC87782 Datasheet HTML 13Page - National Semiconductor (TI) PC87782 Datasheet HTML 14Page - National Semiconductor (TI) PC87782 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
www.national.com
VREF
Analog Input
1
Reference Voltage for the on-chip A/D and D/A circuits.
An External Reference voltage should be connected to
this input.
WAIT
TTL
N/A
1
WAIT signal for inserting Wait states into accesses to
slow off-chip memories or peripherals.
Table 3 Input Pins
Signal
Type
Pin Number
No. of
Sig Pins
Function
100-pin
160-pin
Table 4 Output Pins
Signal
Type
Pin Number
No. of Sig
Pins
Function
100-pin
160-pin
32KX2
OSCOUT
1
32.768 KHz Crystal Oscillator Interface output to
crystal
CLK
CM
1
Processor System Clock
DAOUT
Analog out
1
Digital to Analog Converter Output.
IRQA, IRQB
CM
2
Interrupts from Host Interface channels A and B.
NTEST
CM
1
NAND Test Output.
TXD0-3
MII Out
4
MII Output data.
TX_EN
MII Out
1
MII Transmit Enable
A0-15
CM
N/A
16
Address A0 through A15. CR16A address to memory.
BST(2,1,0)
CM
N/A
3
Bus Status bits 0 through 2
PFS
CM
N/A
1
Pipe Flow Status.
PLI
CM
N/A
1
Pipe Long Instruction Status.
RD
CM
N/A
1
Output Enable.
SEL0
CM
N/A
1
Zone Select 0. Chip-select signal for the External
Memory.
SEL1
CM
N/A
1
Zone Select 1. Used to select the off-chip Base
Memory.
SELIO
CM
N/A
1
Chip-select signal for the I/O Expansion.
WR(1,0)
CM
N/A
2
Write control for bytes 0 and 1
Table 5 Input/Output Pins
Signal
Type
Pin Number
No. of
Sig Pins
Function
100-pin
160-pin
HD0-7
CMHD2-TTL
8
Bi-directional Data bus used to interface the PC87782
to the peripheral data bus of a host.
PB0-7
CM-PU-
Schmitt
8
Port B, bits 0 through 7.
PC0-7
CM-PU-
Schmitt
8
Port C, bits 0 through 7.
PF0-7
CM-PU-TTL
8
Port F, bits 0 through 7
PI0-7
Analog I/O
CM-PU-
Schmitt
8
Analog inputs to the A/D converter. PI0 and PI1 can
be analog feedback outputs from the Op-Amps. All
Port I pins can be digital inputs or outputs.
PL0-7
CM-PU-
Schmitt
8
Port L, bits 0 through 7


Similar Part No. - PC87782

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108AVHG NSC-PC87108AVHG Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108AVJE NSC-PC87108AVJE Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108VHG NSC-PC87108VHG Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108VJE NSC-PC87108VJE Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
More results

Similar Description - PC87782

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
Epson Company
S1S60000 EPSON-S1S60000 Datasheet
114Kb / 2P
   Intelligent Network Controller for Embedded System
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com