Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV216AX Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQV216AX
Description  Controls low-level input signals. Controls load voltage 60V to 600V.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV216AX Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQV216AX Datasheet HTML 1Page - Panasonic Semiconductor AQV216AX Datasheet HTML 2Page - Panasonic Semiconductor AQV216AX Datasheet HTML 3Page - Panasonic Semiconductor AQV216AX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GU PhotoMOS (AQV21 , AQV214H)
3
ds_aqv21: 010404J
2-(2). On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC)
Continuous load current: Max. (DC)
3. Turn on time vs. ambient temperature
characteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4. Turn off time vs. ambient temperature
characteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
20
40
60
80
-40
120
0
-20
20
40
60
8085
AQV214(H)
100
AQV210
AQV217
Ambient temperature,
°C
AQV216
0
1.0
1.5
-40
2.0
0
-20
20
40
60
8085
0.5
AQV212,AQV215
AQV216,AQV210,AQV217
AQV214
AQV214H
Ambient temperature,
°C
0
0.1
0.2
0.3
0.4
-40
0
-20
20
40
60
8085
AQV214
AQV212,215
AQV216,210,217
AQV214H
Ambient temperature,
°C
5-(1). LED operate current vs.ambient
temperature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5-(2). LED operate current vs.ambient
temperature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6-(1). LED turn off current vs. ambient
temperature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
1
2
3
4
-40
5
0
-20
20
40
60
8085
Ambient temperature,
°C
AQV212
AQV215
AQV217
AQV210
AQV214
AQV216
0
1
2
3
4
-40
5
0
-20
20
40
60
8085
AQV214H
Ambient temperature,
°C
0
1
2
3
4
-40
5
0
-20
20
40
60
8085
Ambient temperature,
°C
6-(2). LED turn off current vs. ambient
temperature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
7. LED dropout voltage vs. ambient
temperature characteristics
Sample: All types
LED current: 5 to 50 mA
8-(1). Current vs. voltage characteristics of
output at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
0
1
2
3
4
-40
5
0
-20
20
40
60
8085
AQV214H
Ambient temperature,
°C
0
1.0
1.1
1.2
1.3
-40
0
-20
20
40
60
8085
1.4
50mA
30mA
20mA
10mA
5mA
1.5
Ambient temperature,
°C
1.0
0.6
0.2
-1.0
-0.6
-0.2
-0.5
-0.4
-0.1
0.5
0.4
0.1
0.2
0.3
-0.2
-0.3
-0.4
-0.8
0.4
0.8
AQV212
AQV215
Voltage, V
8-(2). Current vs. voltage characteristics of
output at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9. Off state leakage current vs. load voltage
characteristics
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
10-(1). Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
5
3
1
-5
-3
-1
-200
-160
-40
200
160
40
80
120
-80
-120
-2
-4
24
AQV217
AQV210
AQV216
AQV214(H)
Voltage, V
0
60
100
10
-3
10
-6
10
-9
10
-12
AQV216
20
40
80
AQV214(H)
Load voltage, V
0
0.2
0.4
0.6
0.8
1.2
1.0
10
20
30
40
50
60
AQV210,AQV216,AQV217
AQV212,AQV215
AQV214
LED forward current, mA


Similar Part No. - AQV216AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV216AX NAIS-AQV216AX Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV216AX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
XP Power Limited
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
logo
Littelfuse
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
   Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
   programmable controls
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com