Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM681000CLR-7L Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM681000CLR-7L
Description  128K x8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000CLR-7L Datasheet(HTML) 4 Page - Samsung semiconductor

  KM681000CLR-7L Datasheet HTML 1Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 2Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 3Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 4Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 5Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 6Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 7Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 8Page - Samsung semiconductor KM681000CLR-7L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRELIMINARY
KM681000C Family
CMOS SRAM
Revision 2.0
November 1997
4
RECOMMENDED DC OPERATING CONDITIONS1)
Note
1. Commercial Product : TA=0 to 70
°C and Industrial Product :TA=-40 to 85°C, otherwise specified.
2. Overshoot : Vcc+3.0V for
≤30ns pulse width.
3. Undershoot : -3.0V for
≤30ns pulse width.
4. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.52)
V
Input low voltage
VIL
-0.53)
-
0.8
V
CAPACITANCE1) (f=1MHz, TA=25
°C)
1. Capacitance is sampled not, 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
6
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF
DC AND OPERATING CHARACTERISTICS
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS1=VIH or CS2=VIL or OE=VIH or WE=VIL, VIO=Vss to Vcc
-1
-
1
µA
Operating power supply current
ICC
IIO=0mA, CS1=VIL, CS2=VIH, VIN=VIH or VIL, Read
-
5
10
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA, CS1≤0.2V,
CS2
≥VCC-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
Read
-
2
5
mA
Write
20
35
ICC2
Cycle time=Min, 100% duty, IIO=0mA, CS1=VIL, CS2=VIH,VIN=VIL or VIH
-
45
60
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS1=VIH, CS2=VIL, Other input=VIL or VIH
-
-
3
mA
Standby
Current
(CMOS)
KM681000CL
ISB1
CS1
≥Vcc-0.2V, CS2≥Vcc-0.2V
or CS2
≤0.2V
Other input =0~Vcc
Low Power
-
1
50
µA
KM681000CL-L
Low Low Power
-
0.3
10
KM681000CLI
Low power
-
1
50
KM681000CLI-L
Low Low Power
-
0.3
15


Similar Part No. - KM681000CLR-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000 SAMSUNG-KM681000 Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL SAMSUNG-KM681000BL Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL-L SAMSUNG-KM681000BL-L Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BLE SAMSUNG-KM681000BLE Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM681000CLR-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com