Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2092 Datasheet(PDF) 1 Page - Rohm

Part # 2SA2092
Description  -1A / -60V Bipolar transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2092 Datasheet(HTML) 1 Page - Rohm

  2SA2092 Datasheet HTML 1Page - Rohm 2SA2092 Datasheet HTML 2Page - Rohm 2SA2092 Datasheet HTML 3Page - Rohm 2SA2092 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2092
Transistors
1/3
Parameter
V
V
V
A
mW
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land
∗2
∗1
°C
A
°C
VCBO
VCEO
IC
PC
Tj
VEBO
ICP
Tstg
Symbol
−60
−60
−6
−1
−2
500
150
−55 to +150
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
DC
PULSE
Power dissipation
Junction temperature
Range of storage temperature
-1A / -60V Bipolar transistor
2SA2092
Applications
High-speed switching, low frequency amplification
Feature
1) High speed switching. (tf : Typ. : 30ns at IC = -1A)
2) Low saturation voltage.
(Typ. : −200mV at IC = −500mA, IB = −50mA)
3) Strong discharge resistance for inductive load and
capacitance load.
4) Low switching noise.
Structure
PNP epitaxial planar silicon transistor
External dimensions (Unit : mm)
Each lead has same dimensions
Abbreviated symbol : VN
TSMT3
(1) Base
(2) Emitter
(3) Collector
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Absolute maximum ratings (Ta=25
°C)
Packaging specifications
Taping
2SA2092
Part No.
TL
3000
Packaging type
TSMT3
Package
Basic ordering unit (pieces)
Code
hFE rank
Q
120-270
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVEBO
ICBO
IEBO
VCE(sat)
fT
hFE
Cob
ton
Min.
−6
120
300
−−
15
30
−1.0
−1.0
−200
−500
270
IE
=
−100µA
VCE
=
−2V, IC= −100mA
VCB
=
−40V
VEB
=
−4V
IC
=
−500mA, IB= −50mA
IC
=
−1A,
IB1
=
−100mA
IB2
=100mA
VCC
−25V
VCE
=
−10V, IE=100mA, f=10MHz
VCB
=
−10V, IE=0, f=1MHz
V
µA
µA
MHz
mV
pF
ns
tstg
100
ns
tf
30
ns
Typ.
Max.
Unit
Conditions
BVCEO
−60
−−
V
IC
=
−100µA
Collector-emitter breakdown voltage
Collector cut-off current
DC current gain
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
Emitter cut-off current
Collector-emitter saturation voltage
BVCBO
−60
−−
IC
=
−1mA
V
Collector-base breakdown voltage
Emitter-base breakdown voltage
∗2
∗3
∗1
∗1 Pulse measurement
∗2 See switching test circuit
∗3 hFE rank


Similar Part No. - 2SA2092

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2092 ROHM-2SA2092 Datasheet
309Kb / 4P
   -1A /-60V Bipolar transistor Low switching noise.
2SA2092 ROHM-2SA2092 Datasheet
309Kb / 4P
   -1A / -60V Bipolar transistor
2SA2092TLQ ROHM-2SA2092TLQ Datasheet
309Kb / 4P
   -1A / -60V Bipolar transistor
2SA2092 ROHM-2SA2092_11 Datasheet
309Kb / 4P
   -1A /-60V Bipolar transistor Low switching noise.
More results

Similar Description - 2SA2092

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2092TLQ ROHM-2SA2092TLQ Datasheet
309Kb / 4P
   -1A / -60V Bipolar transistor
2SA2092 ROHM-2SA2092_11 Datasheet
309Kb / 4P
   -1A /-60V Bipolar transistor Low switching noise.
DTDG14GP ROHM-DTDG14GP_15 Datasheet
1,008Kb / 9P
   1A/60V Digital Transistor
DTDG23YP ROHM-DTDG23YP Datasheet
1Mb / 6P
   1A/60V Digital Transistor
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
   Medium Power Transistor (60V, 1A)
2SA2091S ROHM-2SA2091S Datasheet
97Kb / 4P
   Medium power transistor (-60V, -1A)
2SD1834T100 ROHM-2SD1834T100 Datasheet
136Kb / 3P
   Medium Power Transistor (60V, 1A)
logo
SeCoS Halbleitertechnol...
BCP55 SECOS-BCP55 Datasheet
489Kb / 2P
   1A , 60V NPN Silicon Medium Power Transistor
logo
Nexperia B.V. All right...
PHPT60603NY NEXPERIA-PHPT60603NY Datasheet
736Kb / 15P
   60V, 3 A NPN high power bipolar transistor
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com