Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1594A-50CM Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1594A-50CM
Description  1A STEP-DOWN PWM REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1594A-50CM Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1594A-50CM Datasheet HTML 1Page - Analog Intergrations Corporation AIC1594A-50CM Datasheet HTML 2Page - Analog Intergrations Corporation AIC1594A-50CM Datasheet HTML 3Page - Analog Intergrations Corporation AIC1594A-50CM Datasheet HTML 4Page - Analog Intergrations Corporation AIC1594A-50CM Datasheet HTML 5Page - Analog Intergrations Corporation AIC1594A-50CM Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADVANCED INFORMATION
AIC1594
1A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1594-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
1
! FEATURES
"
Operating Input Voltage From 4.5V to 36V
"
2.5V, 3.3V, 5V , 12V and Adjustable Output Ver-
sion
"
Adjustable Version Output Voltage Range , 1.25V
to 30V
± 4% max Over Line and Load Regulation
"
Available in TO220-5 and TO263-5 Package
"
Requires Only 4 External Components.
"
150KHz/300KHz Fixed Constant Frequency
"
Low Power Standby Mode, IQ Typically 80
µA
"
TTL Shutdown Capability.
"
Output Overvoltage Protection
"
Current Limit and Thermal Shutdown Protection.
"
1A Guaranteed Output Current
! APPLICATIONS
"
Simple High Efficiency Step-down regulator
"
On-Card Switching regulators
! DESCRIPTION
The AIC1594 series are step-down monolithic
PWM regulators delivering 1A at fixed voltages of
2.5V , 3.3V, 5.0V , 12V and using a external di-
vider to adjust output voltage from 1.25V to 30V
with excellent line and load regulation.
Switching frequency up to 150KHz/300KHz are
achievable thus allowing smaller sized filter com-
ponents. Internal current limit and thermal shut-
down circuits provide protection from overloads. It
also provides output overvoltage and short pro-
tection under fault conditions.
The internal precious reference combined with
voltage feedback loop provides optimum output
voltage accuracy and fast load transient response.
Packages available are in
standard SOT89-5
and DIP8 for standard assembly and TO263-5,
SOP8 for SMD.
! TYPICAL APPLICATION CIRCUIT
L1
R1
R2
+
C3
+
C1
C2
D1
VOUT
VIN
IN
1
SHDN

OUT
2
FB
4
3
GND
AIC1594
R1 short and R2 open for fixed
switching output version
1A Precision PWM DC/DC Regulator


Similar Part No. - AIC1594A-50CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CM AIC-AIC1595A-12CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CT AIC-AIC1595A-12CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CM AIC-AIC1595A-25CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CT AIC-AIC1595A-25CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1594A-50CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
logo
Linear Technology
LTC3637 LINER-LTC3637 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Analog Intergrations Co...
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com