Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7C139C55WPC Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT7C139C55WPC
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C139C55WPC Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT7C139C55WPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C139C55WPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
The UT7C138/139 consists of an array of 4K words of 8 or 9
bits of dual-port SRAM cells, I/O and address lines, and control
signals (CE, OE, R/W). These control pins permit independent
access for reads or writes to any location in memory. To handle
simultaneous writes/reads to the same location, a BUSY pin is
provided on each port. With the M/S pin, the UT7C138/139 can
function as a master (BUSY pins are outputs) or as a slave
(BUSY pins are inputs). Each port is provided with its own
output enable control (OE), which allows data to be read from
the device.
WRITE CYCLE
A combination of R/W less than VIL (max), and CE less than
VIL (max), defines a write cycle. The state of OE is a “don’t
care” for a write cycle. The outputs are placed in the high-
impedance state when either OE is greater than VIH (min), or
when R/W is less than VIL (max).
WRITE OPERATION
Write Cycle 1, the Write Enable-controlled Access shown in
figure 4a, is defined by a write terminated by R/W going high
with CE active. The write pulse width is defined by tPWE when
the write is initiated by R/W, and by tSCE when the write is
initiated by CE going active. Unless the outputs have been
previously placed in the high-impedance state by OE, the user
must wait t
HZOE before applying data to the eight/nine
bidirectional pins I/O(0:7/0:8) to avoid bus contention.
Write Cycle 2, the Chip Enable-controlled Access shown in
figure 4b, is defined by a write terminated byCE going inactive.
The write pulse width is defined by tPWE when the write is
initiated by R/W, and by tSCE when the write is initiated by CE
going active. For the R/W initiated write, unless the outputs have
been previously placed in the high-impedance state by OE, the
user must wait t
HZWE before applying data to the eight/nine
bidirectional pins I/O(0:7/0:8) to avoid bus contention.
If a location is being written by one port and the opposite port
attempts to read that location, a port-to-port flow through delay
must be met before the data is read on the output. Data will be
valid on the port wishing to read the location (t
BZA + t BDD) after
the data is written on the other port (see figure 5a).
READ OPERATION
When reading the device, the user must assert both the OE and
CE pins. Data will be available t
ACE after CE or tDOE after OE
is asserted (see figures 3a and 3b).
MASTER/SLAVE
A M/S pin is provided in order to expand the word width by
configuring the device as either a master or a slave. The BUSY
output of the master is connected to the BUSY input of the slave.
Writing of slave devices must be delayed until after the BUSY
input has settled. Otherwise, the slave chip may begin a write
cycle during a contention situation. When presented as a HIGH
input, the M/S pin allows the device to be used as a master and,
therefore, the BUSY line is an output. BUSY can then be used
to send the arbitration outcome to a slave. When presented as a
LOW input, the M/S pin allows the device to be used as a slave,
and, therefore, the BUSY pin is an input.
Table 1. Non-Contending Read/Write
RADIATION HARDNESS
The UT7C138/139 incorporates special design and layout
features which allow operation in high-level radiation
environments. UTMC has developed special low-temperature
processing techniques designed to enhance the total-dose
radiation hardness of both the gate oxide and the field oxide
while maintaining the circuit density and reliability. For
transient radiation hardness and latchup immunity, UTMC
builds all radiation-hardened products on epitaxial wafers using
an advanced twin-tub CMOS process. In addition, UTMC pays
special attention to power and ground distribution during the
design phase, minimizing dose-rate upset caused by rail
collapse.
Table 2. Radiation Hardness
Design Specifications1
Notes:
1. The DPRAM will not latchup during radiation exposure under recommended
operating conditions.
2. Not tested for CMOS technology.
INPUTS
OUTPUTS
CE
R/W
OE
I/O0-7
OPERATION
H
X
X
High Z
Power Down
X
X
H
High Z
I/O Lines
Disabled
L
H
L
Data Out
Read
L
L
X
Data In
Write
L
X
X
---
Illegal
Condition
Total Dose
1.0E6
rads(Si)
LET Threshold
85
MeV-cm2/mg
Neutron Fluence2
3.0E14
n/cm2
Memory Device
Cross Section @ LET
= 120MeV-cm
2/mg
< 1.376E -2 (4Kx8)
< 1.548E -2 (4Kx9)
cm2


Similar Part No. - UT7C139C55WPC

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
   Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
   Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7C139C55WPC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com