Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G957T45U Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G957T45U
Description  1.5V 1A Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G957T45U Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G957T45U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G957T45U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 1.2
Jan 02, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G957
Global Mixed-mode Technology Inc.
SOT-223 (T6) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
10°
10°
Taping Specification
PACKAGE
Q’TY/REEL
Q’TY/TUBE
TO-220
-----
50 ea
TO-252
2,500 ea
SOT-223
2,500 ea
-----
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L
Feed Direction
SOT-223 Package Orientation
Feed Direction
TO-252 Package Orientation
Feed Direction
SOT-223 Package Orientation
Feed Direction
SOT-223 Package Orientation
Feed Direction
TO-252 Package Orientation


Similar Part No. - G957T45U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
   USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
More results

Similar Description - G957T45U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G915 GMT-G915_15 Datasheet
40Kb / 1P
   1.5V 600mA Low Dropout Regulator
G915 GMT-G915 Datasheet
222Kb / 5P
   1.5V 600mA Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS5207-2 CHERRY-CS5207-2 Datasheet
128Kb / 5P
   7A, 1.5V Fixed Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Global Mixed-mode Techn...
G915 GMT-G915_07 Datasheet
282Kb / 7P
   1.5V 600mA Low Dropout Regulator
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com