Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G958T23U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G958T23U
Description  800mA Adjustable Low-Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G958T23U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G958T23U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G958T23U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G958T23U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G958T23U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G958T23U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G958T23U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G958T23U Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ver: 1.1
Apr 18, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G958
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VIN= 4V, CIN=10µF, COUT=10µF, TA=25°C, unless otherwise noted.
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
0
200
400
600
800
1000
Output Current (mA)
85
°C
25
°C
-45
°C
70
73
76
79
82
85
88
91
94
0
100
200
300
400
500
600
700
800
Load Current(mA)
-45
°C
25
°C
85
°C
Line transient
Dropout Voltage vs. Load Current
IADJ Current vs. Load Current
-1
-0.5
0
0.5
1
-40
-20
0
2040
6080
100
Temperature (
°C)
Load Transient
0
10
20
30
40
50
60
10
100
1000
10000
100000
Frequency (Hz)
I
OUT = 100mA
I
OUT = 800mA
(V
IN - VOUT ) > 3V
C
OUT = 10µF
I
OUT = 0.1A~0.8A
Ripple Rejection
Temperature Stability


Similar Part No. - G958T23U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
   USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
More results

Similar Description - G958T23U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com