Electronic Components Datasheet Search |
|
G1432F3U Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc |
|
G1432F3U Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc |
8 / 15 page Ver: 1.1 Jun 21, 2006 TEL: 886-3-5788833 http://www.gmt.com.tw 8 G1432 Global Mixed-mode Technology Inc. 0 1 2 3 4 5 6 7 8 9 10 34 56 Supply Voltage (V) Stereo BTL 0 0.5 1 1.5 2 2.5 2.5 3.5 4.5 5.5 6.5 Supply Voltage (V) THD+N=1% BTL Each Channel RL=3Ω RL=4Ω RL=8Ω Figure 23 Figure 24 Figure 25 Closed Loop Response Supply Current vs Supply Voltage Output Power vs Supply Voltage 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 4 8 12 16 20 24 28 32 Load Resistance(Ω) VDD=5V THD+N=1% BTL Each Channel VDD=3.3V 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 0 0.5 1 1.5 2 2.5 Po-Output Pow er(W) VDD=5V BTL Each Channel RL=3Ω RL=4Ω RL=8Ω 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 0.25 0.5 0.75 1 Output Pow er(W) VDD=3.3V BTL Each Channel RL=3Ω RL=4Ω RL=8Ω Figure 26 Figure 27 Figure 28 Output Power vs Load Resistance Power Dissipation vs Output Power Power Dissipation vs Output Power |
Similar Part No. - G1432F3U |
|
Similar Description - G1432F3U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |