Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5105 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G5105
Description  Low-Noise Step-up DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5105 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G5105 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 0.6 Preliminary
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G5105
Global Mixed-mode Technology Inc.
TSOT-23-6 (TP) Package
Note:
1.
Dimension D does not include mold flash, protrusions or tate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.1mm PER end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not ex-
ceed 0.15mm PER side.
2. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost ex-
tremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch
between the top and bottom of the plastic body.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
-----
0.90
0.030
-----
0.035
A1
0.00
-----
0.10
0.000
-----
0.004
A2
0.70
0.75
0.80
0.028
0.030
0.031
b
0.35
-----
0.51
0.014
-----
0.020
C
0.10
-----
0.25
0.004
-----
0.010
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.37
-----
-----
0.015
-----
-----
y
-----
-----
0.10
-----
0.004
θ
1
-----
-----
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-6
3,000 ea
TSOT-23-6
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E1
D
E
θ1
L
C
b
A2
A
e1
e
A1
y
E1
D
E
θ1
L
C
b
A2
A
e1
e
A1
y
Feed Direction
SOT- 23-6 / TSOT-23-6 Package Orientation
Feed Direction
SOT- 23-6 / TSOT-23-6 Package Orientation


Similar Part No. - G5105

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510526 E-SWITCH-G510526 Datasheet
42Kb / 1P
   All Dimension In MM
G510531 E-SWITCH-G510531 Datasheet
41Kb / 1P
   All Dimension In MM
G510540 E-SWITCH-G510540 Datasheet
43Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510550 E-SWITCH-G510550 Datasheet
40Kb / 1P
   All Dimension In MM
More results

Similar Description - G5105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com