Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7C139C55WPX Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT7C139C55WPX
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C139C55WPX Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT7C139C55WPX Datasheet HTML 1Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 2Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 3Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 4Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 5Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Figure 2b: DPRAM Pinout (68 PGA)
(top view)
Notes:
1. I/O8R on the7C139
2. I/O8L on the 7C139
PIN NAMES
B11
A5L
C11
A4L
D11
A2L
E11
A0L
F11
BUSYL
G11
M/S
H11
NC
J11
A1R
K11
A3R
A10
A7L
B10
A6L
C10
A3L
D10
A1L
E10
NC
F10
GND
G10
BUSYR
H10
A0R
J10
A2R
K10
A4R
L10
A5R
A9
A9L
B9
A8L
K9
A7R
L9
A6R
A8
A11L
B8
A10L
K8
A9R
L8
A8R
A7
VDD
B7
NC
K7
A11R
L7
A10R
A6
NC
B6
NC
K6
GND
L6
NC
A5
NC
B5
CEL
K5
NC
L5
NC
A4
OEL
B4
R/WL
K4
NC
L4
CER
A3
I/O0L
B3
NC
(2)
K3
OER
L3
R/WR
A2
I/O1L
B2
I/O2L
C2
I/O4L
D2
GND
E2
I/O7L
F2
GND
G2
I/O1R
H2
VDD
J2
I/O4R
K2
I/O7R
L2
NC
(1)
B1
I/O3L
C1
I/O5L
D1
I/O6L
E1
VDD
F1
I/O0R
G1
I/O2R
H1
I/O3R
J1
I/O5R
K1
I/O6R
LEFT PORT
RIGHT PORT
DESCRIPTION
I/O0L-7L(8L)
I/O0R-7R(8R)
Data Bus Input/Output
A0L-11L
A0R-11R
Address Lines
CEL
CER
Chip Enable
OEL
OER
Output Enable
R/WL
R/WR
Read/Write Enable
BUSYL
BUSYR
Busy Flag Input/Output
M/S
Master or Slave Select
VDD
Power
GND
Ground
7C138/139
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
H
J
K
L
G


Similar Part No. - UT7C139C55WPX

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
   Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
   Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7C139C55WPX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com