Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7C139C55WPX Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT7C139C55WPX
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C139C55WPX Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT7C139C55WPX Datasheet HTML 1Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 2Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 3Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 4Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 5Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C139C55WPX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FEATURES
q 45ns and 55ns maximum address access time
q Asynchronous operation for compatibility with industry-
standard 4K x 8/9 dual-port static RAM
q CMOS compatible inputs, TTL/CMOS compatible output
levels
q Three-state bidirectional data bus
q Low operating and standby current
q Radiation-hardened process and design; total dose
irradiation testing to MIL-STD-883 Method 1019
- Total-dose: 1.0E6 rads(Si)
- Memory Cell LET threshold: 85 MeV-cm2/mg
- Latchup immune (LET >100 MeV-cm2/mg)
q QML Q and QML V compliant part
q Packaging options:
- 68-lead Flatpack
- 68-pin PGA
q 5-volt operation
q Standard Microcircuit Drawing 5962-96845
INTRODUCTION
The UT7C138 and UT7C139 are high-speed radiation-
hardened CMOS 4K x 8 and 4K x 9 dual-port static RAMs.
Arbitration schemes are included on the UT7C138/139 to
handle situations when multiple processors access the same
memory location. Two ports provide independent,
asynchronous access for reads and writes to any location in
memory. The UT7C138/139 can be utilized as a stand-alone
32/36-Kbit dual-port static RAM or multiple devices can be
combined in order to function as a 16/18-bit or wider master/
slave dual-port static RAM. For applications that require
depth expansion, the BUSY pin is open-collector allowing
for wired OR circuit configuration. An M/S pin is provided
for implementing 16/18-bit or wider memory applications
without the need for separate master and slave devices or
additional discrete logic. Application areas include
interprocessor/multiprocessor designs, communications,
and status buffering.
Each port has independent control pins: chip enable (CE),
read or write enable (R/W), and output enable ( OE). BUSY
signals that the port is trying to access the same location
currently being accessed by the other port.
Standard Products
UT7C138/139 4Kx8/9 Radiation-Hardened
Dual-Port Static RAM with Busy Flag
Data Sheet
January 2002
Figure 1. Logic Block Diagram
MEMORY
ARRAY
ROW
SELECT
ROW
SELECT
COL
SEL
COL
SEL
COLUMN
I/O
COLUMN
I/O
R/ WL
CE L
OEL
A11L
A10L
A9L
A0L
R/ WR
CE R
OER
A11R
A10R
A9R
A0R
I/O 7L
I/O 8L (7C139)
I/O7R
I/O8R (7C139)
I/O 0L
I/O0R
ARBITRATION
BUSYL
BUSY R
M/S


Similar Part No. - UT7C139C55WPX

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
   Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
   Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7C139C55WPX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com