Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5910 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G5910
Description  High-Efficiency White LED Charge Pump
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5910 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G5910 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5910 Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ver: 1.4
May 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G5910
Global Mixed-mode Technology Inc.
Pin Descriptions
PIN
NAME
FUNCTION
1
VOUT
Regulated output pin. Bypass this pin to ground with at least 6.8µF low ESR capacitor
2
GND
Ground connection
3
SHDN
Shutdown input. Active low signal disables the converter.
4
C-
Flying capacitor negative terminal
5
VIN
Input supply pin. Bypass this pin to ground with at least 6.8µF low ESR capacitor
6
C+
Flying capacitor positive terminal
Detailed Description
The G5910 uses a switched capacitor charge pump
to boost an input voltage to a regulated output volt-
age. Through an internal resistor divider network
the output regulation is achieved by sensing the
charge pump output voltage. When the divided
output drops below a preset trip point that con-
trolled by an internal comparator a switched dou-
bling circuit is enabled. The charge pump switch
cycling enables four internal switches at two
non-overlapping phases. During the first phase,
switches S1 and S4 are switched on (short) and
switch S2 and S3 are off (open). The flying capaci-
tor CFLY is charged to a level approximately equal to
input voltage VIN. On the second phase, switches
S1 and S4 are turned off (open), S2 and S3 are
turned on (short). During the first phase the low
side of the flying capacitor CFLY is connected to
GND. During the second phase, the flying capacitor
CFLY is switched so that the low side is connected to
VIN. The voltage at the high side of the flying ca-
pacitor CFLY is bootstrapped to 2 × VIN and is con-
nected to output through a switch. For each cycle
phase, charge from input node VIN is transported
from a lower voltage to a higher voltage. This cycle
repeats itself until the output node voltage is high
enough to exceed the preset input threshold of the
control comparator. When the output voltage ex-
ceeds the internal trip point voltage level, the
switching cycle stops and the charge pump circuit is
placed in an idle state. The closed loop feed back
system containing the voltage sense circuit and
control comparator allows the G5910 to provide a
regulated output voltage and output load current.
An integrated oscillator within the control circuit
block creates the switching signal that drives the
charge pump. The free running charge pump
switching frequency is approximately 1MHz. The
G5910 has complete output short circuit and ther-
mal protection to safeguard the device under ex-
treme operating conditions. When output voltage is
short to ground, the switches S1, S4, and S3 are
turned on with limited current of 220mA. After the
short circuit condition has been released and output
voltage rises above a threshold voltage, the G5910
will go into normal operation mode. An internal
thermal protection circuit senses die temperature
and will shut down the device if the internal junction
temperature exceeds approximately 150°C. The
charge pump will remain disabling until the fault
condition is relieved.


Similar Part No. - G5910

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
More results

Similar Description - G5910

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com