Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5910-50TBU Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G5910-50TBU
Description  High-Efficiency White LED Charge Pump
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5910-50TBU Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G5910-50TBU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5910-50TBU Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Ver: 1.4
May 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G5910
Global Mixed-mode Technology Inc.
Package Information
SOT-23-6 (TB) Package
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.10
1.30
0.039
0.043
0.051
A1
0.00
-----
0.10
0.000
-----
0.004
A2
0.70
0.80
0.90
0.028
0.031
0.035
b
0.35
0.40
0.50
0.014
0.016
0.020
C
0.10
0.15
0.25
0.004
0.006
0.010
D
2.70
2.90
3.10
0.106
0.114
0.122
E
1.40
1.60
1.80
0.055
0.063
0.071
e
-----
1.90(TYP)
-----
-----
0.075(TYP)
-----
H
2.60
2.80
3.00
0.102
0.110
0.118
L
0.37
------
-----
0.015
-----
-----
θ
1
E
D
H
θ1
L
C
b
A2
A1
A
e
e1
E
D
H
θ1
L
C
b
A2
A1
A
e
e1


Similar Part No. - G5910-50TBU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
More results

Similar Description - G5910-50TBU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com