Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1881 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1881
Description  Dual NV Audio Taper Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1881 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1881 Datasheet HTML 1Page - Maxim Integrated Products DS1881 Datasheet HTML 2Page - Maxim Integrated Products DS1881 Datasheet HTML 3Page - Maxim Integrated Products DS1881 Datasheet HTML 4Page - Maxim Integrated Products DS1881 Datasheet HTML 5Page - Maxim Integrated Products DS1881 Datasheet HTML 6Page - Maxim Integrated Products DS1881 Datasheet HTML 7Page - Maxim Integrated Products DS1881 Datasheet HTML 8Page - Maxim Integrated Products DS1881 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Dual NV Audio Taper Digital Potentiometer
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VDD, SDA, and SCL Relative to GND .....-0.5V to +6.0V
Voltage on A2, A1, A0, and CE Relative
to GND .................-0.5V to (VDD + 0.5V), not to exceed +6.0V
Voltage on VCC Relative to GND ...........................-0.5V to +6.0V
Voltage on H1, H0, W1, W0, L1, and L0 Relative
to GND...............................................................-0.5V to +6.0V
Maximum Resistor Current .................................................±3mA
Operating Temperature Range ...........................-40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...................See J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Supply Voltage
VDD
(Notes 1, 2)
2.7
5.5
V
Analog Supply Range
VCC
(Notes 1, 2)
4.5
5.5
V
Potentiometer Voltages
0
5.5
V
Wiper Current
±1
mA
DC ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, VCC = +4.5V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Supply Current
IDD
(Note 3)
200
250
µA
Analog Supply Current
ICC
(Note 4)
0.9
5
µA
Input Logic 0
(CE, SDA, SCL, A0, A1, A2)
VIL
(Note 5)
-0.3
0.3x
VDD
V
Input Logic 1
(CE, SDA, SCL, A0, A1, A2)
VIH
(Note 5)
0.7 x
VDD
VDD +
0.3
V
IOL = 4mA
0.4
Output-Voltage Low (SDA)
VOL
IOL = 6mA
0.6
V
Input Leakage Current
ILI
-1
+1
µA
I/O Pin Input Current (SDA)
0.4V < VSDA < (0.9 x VCC)
-10
+10
µA
I/O Capacitance
CI/O
(Note 6)
10
pF
Power-Up Time
tPU
1ms


Similar Part No. - DS1881

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882E-050++ MAXIM-DS1882E-050+ Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882E-050+TR MAXIM-DS1882E-050+TR Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882Z-050++ MAXIM-DS1882Z-050+ Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882Z-050+TR MAXIM-DS1882Z-050+TR Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
More results

Similar Description - DS1881

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com