Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9105TF1TF Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G9105TF1TF
Description  5V 1A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9105TF1TF Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G9105TF1TF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9105TF1TF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver: 0.9 Preliminary
Jul 07, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G9105
Global Mixed-mode Technology Inc.
Package Information
TO-220F-4 Package (short lead)
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
4.42
4.57
4.72
0.174
0.180
0.186
A1
2.69
2.79
2.89
0.106
0.110
0.114
A2
1.68
1.78
1.88
0.066
0.070
0.074
D
10.00
10.10
10.20
0.394
0.398
0.402
E
6.85
6.95
7.05
0.269
0.273
0.278
E1
8.54
8.64
8.74
0.336
0.340
0.344
L
7.15
7.35
7.55
0.281
0.289
0.297
L1
16.56
16.66
16.76
0.652
0.656
0.660
L2
3.60
3.70
3.80
0.142
0.146
0.150
He
22.54
22.94
23.34
0.887
0.903
0.919
C
-----
0.48
-----
-----
0.019
-----
e
-----
2.54(TYP)
-----
-----
0.1(TYP)
-----
b
-----
0.635(TYP)
-----
-----
0.025(TYP)
-----
θ
11°
11°
D
E
b
E1
e
A
A1
C
A2
L
L1
L2
He
D
E
b
E1
e
A
A1
C
A2
L
L1
L2
He


Similar Part No. - G9105TF1TF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910 GMT-G910 Datasheet
228Kb / 9P
   3.3V 400mA/250mA Low Dropout Regulator
G910 GMT-G910 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T21B GMT-G910T21B Datasheet
228Kb / 9P
   3.3V 400mA/250mA Low Dropout Regulator
G910T21D GMT-G910T21D Datasheet
228Kb / 9P
   3.3V 400mA/250mA Low Dropout Regulator
G910T21T GMT-G910T21T Datasheet
228Kb / 9P
   3.3V 400mA/250mA Low Dropout Regulator
More results

Similar Description - G9105TF1TF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
Silicon Standard Corp.
SS8061G SSC-SS8061G Datasheet
606Kb / 6P
   1A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com