Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9966-18TGU Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G9966-18TGU
Description  3A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9966-18TGU Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G9966-18TGU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9966-18TGU Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ver: 0.6 Preliminary
May 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G9966
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
G9966-18 Overcurrent Protection Characteristics
G9966-18-Start-up
G9966 Max. Power Dissipation
vs. PCB Top Copper Area
G9966 Max. Power Dissipation vs. TAMB
G9966-33 Start-up
G9966-18-Start-up
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.5
1.5
2.5
3.5
4.5
PCB Top Copper Area (in
2)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
85
TAMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit:in
2


Similar Part No. - G9966-18TGU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G996 GMT-G996 Datasheet
153Kb / 1P
   1.6X Linear Fan Driver
logo
Agilent(Hewlett-Packard...
G9963A HP-G9963A Datasheet
234Kb / 2P
   NGS Disease Research Panels
G9963B HP-G9963B Datasheet
234Kb / 2P
   NGS Disease Research Panels
logo
Global Mixed-mode Techn...
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
G9965-15TGU GMT-G9965-15TGU Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G9966-18TGU

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8330 E-CMOS-EC8330 Datasheet
1Mb / 16P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9967 GMT-G9967 Datasheet
38Kb / 1P
   3A Low Dropout Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM6230 HMSEMI-HM6230 Datasheet
1Mb / 17P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9333 GMT-G9333 Datasheet
31Kb / 1P
   3.3V 3A Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com