Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16373BDGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT16373BDGG
Description  16-bit transparent latch 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16373BDGG Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT16373BDGG Datasheet HTML 1Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16373BDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16373B
74ABTH16373B
16-bit transparent latch (3-State)
1998 Feb 27
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
VRST
Power-up output voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
I
Input leakage current
VCC =5 5V; V =VCC or GND
±001
±1
±1
µA
II
g
74ABT16373B
VCC = 5.5V; VI = VCC or GND
±0.01
±1
±1
µA
VCC = 5.5V; VI = VCC or GND
Control pins
±0.01
±1
±1
µA
II
Input leakage current
74ABTH16373B
VCC = 5.5V; VI = VCC
Data pins5
0.01
1
1
µA
74ABTH16373B
VCC = 5.5V; VI = 0
Data pins5
–1
–3
–5
µA
6
VCC = 4.5V; VI = 0.8V
50
50
IHOLD
Bus Hold current A inputs6
74ABTH16373B
VCC = 4.5V; VI = 2.0V
–75
–75
µA
74ABTH16373B
VCC = 5.5V; VI = 0 to 5.5V
±800
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.5V; VI = GND or VCC;
VOE = GND
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 5.5V; VI = VIL or VIH
0.5
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.0V; VI = VIL or VIH
–0.5
–10
–10
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–70
–180
–50
–180
mA
ICEX
Output High leakage
current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
0.1
50
50
µA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
2
2
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
8
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
0.5
2
2
mA
∆ICC
Additional supply current
per input pin2
74ABT16373B
VCC = 5.5V; one input at 3.4V, other inputs
at VCC or GND
5
100
100
µA
∆ICC
Additional supply current
per input pin2
74ABTH16373B
VCC = 5.5V; one input at 3.4V, other inputs
at VCC or GND
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1 to VCC = 5V ± 10% a
transition time of up to 100
µsec is permitted.
5. Unused pins at VCC or GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74ABT16373BDGG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16373 FAIRCHILD-74ABT16373 Datasheet
87Kb / 6P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
74ABT16373ADGGRE4 TI-74ABT16373ADGGRE4 Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74ABT16373ADGGRE4 TI-74ABT16373ADGGRE4 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74ABT16373ADGGRG4 TI-74ABT16373ADGGRG4 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16373CMTD FAIRCHILD-74ABT16373CMTD Datasheet
87Kb / 6P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74ABT16373BDGG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com