Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6603WW11 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6603WW11
Description  Ultra Low Power Multi I/O Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6603WW11 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6603WW11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6603WW11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
EM6603
03/02 REV. G/439
Copyright
 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
4
Oscillator
A built-in crystal oscillator circuit generates the system operating clock for the CPU and peripheral circuits from an
externally connected crystal (typ. 32.768kHz) and trimmer capacitor (from Qin tw. Vss). The oscillator circuit is
supplied by the regulated voltage, Vreg. In SLEEP mode the oscillator is stopped.
With Fout bit in PA3cnt register we can put the system 32.768 Hz frequency on STB/RST pin as output.
4.1 Prescaler
The input to the prescaler is the system clock signal.
The prescaler consists of a fifteen (15) element divider
chain which delivers clock signals for the peripheral
circuits such as the timer/counter, buzzer, I/O
debouncers and edge detectors, as well as generating
prescaler interrupts.
Table 6.Prescaler interrupt source
Interrupt frequency
PSF1
PSF0
mask(no interrupt)
0
0
1 Hz
0
1
8 Hz
1
0
32 Hz
1
1
The frequency of prescaler interrupts is software selectable, as shown in Table 6.
Table 7. Prescaler control register - PRESC
Bit
Name
Reset
R/W
Description
3
MTim
0
R/W
Timer/Counter Interrupt Mask
2
PRST
-
R/W
Prescaler reset
1
PSF1
0
R/W
Prescaler Interrupt select 1
0
PSF0
0
R/W
Prescaler Interrupt select 0
5
Watchdog timer
If for any reason the CPU crashes, then the watchdog timer can detect this situation and output a system reset
signal. This function can be used to detect program overrun. For normal operation the watchdog timer must be
reset periodically by software at least once every three seconds (CLK = 32kHz) or a system reset signal is
generated to CPU and periphery. The watchdog is active during STANDBY. The watchdog reset function can be
deactivated by setting the NoWD bit to 1 in the Option register.
In worst case because of prescaler reset function WD time-out can come down to 2 seconds.
The watchdog timer is reset by writing 1 to the WDRST bit. Writing 0 to WDRST has no effect.
The watchdog timer also operates in STANDBY mode. It is therefore necessary to reset it if this mode continues
for more than three seconds. One method of doing this is to use the prescaler 1Hz interrupt such, that the
watchdog is reset every second.
Table 8.Watchdog register - WD
Bit
Name
Reset
R/W
Description
3
WDRST
-
R/W
Watchdog timer reset
2
Slmask
-
R/W
SLEEP mask bit
1
WD1
0
R
WD Timer data 1/4 Hz
0
WD0
0
R
WD Timer data 1/2 Hz


Similar Part No. - EM6603WW11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WP11 EMMICRO-EM6604WP11 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WP27 EMMICRO-EM6604WP27 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WS11 EMMICRO-EM6604WS11 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WS27 EMMICRO-EM6604WS27 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6603WW11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
logo
Puya Semiconductor Co.,...
PY25Q80HB PUYA-PY25Q80HB Datasheet
2Mb / 80P
   Ultra-Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32SH PUYA-P25Q32SH Datasheet
3Mb / 106P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 10, 2021
P25Q128H PUYA-P25Q128H Datasheet
3Mb / 104P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q128L PUYA-P25Q128L Datasheet
3Mb / 107P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q80LE PUYA-P25Q80LE Datasheet
2Mb / 73P
   Ultra Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
Nov.12, 2019
P25Q64U PUYA-P25Q64U Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q64H PUYA-P25Q64H Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q32H PUYA-P25Q32H Datasheet
3Mb / 97P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q16SU PUYA-P25Q16SU Datasheet
3Mb / 107P
   Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Jan. 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com