Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9966-ADJTGU Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G9966-ADJTGU
Description  3A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9966-ADJTGU Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G9966-ADJTGU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9966-ADJTGU Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver: 0.6 Preliminary
May 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G9966
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
3.234
3.254
3.274
3.294
3.314
3.334
-25
-5
153555
75
Temperature (°C)
VIN=5V
VIN=6V
IL=200mA
3.234
3.254
3.274
3.294
3.314
3.334
01
23
IL (A)
TA=25°C
VIN=5V
VIN=6V
1.00
1.50
2.00
2.50
3.00
3.50
-25 -15
-5
5
1525
3545556575
85
Temperature (°C)
0
200
400
600
800
1000
1200
1400
1600
1800
1
1.5
2
2.5
3
IL (A)
TA=-25°C
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
00.5
11.5
22.5
3
IL (A)
TA=25°C
2.45
2.47
2.49
2.51
2.53
2.55
2.57
2.59
-25
-5
15
35
55
75
Temperature (°C)
IL=10mA
VIN=4V
VIN=5V
G9966-33 Output Voltage vs. Temperature
G9966-33 Output Voltage vs. IL
G9966-25 Quiescent Current vs. Temperature
G9966-25 Dropout Voltage vs.IL
VIN=5V
VIN=6V
TA=25°C
TA=85°C
G9966-25 Output Voltage vs. Temperature
VIN=4V
VIN=5V
G9966-25 Output Voltage vs. IL


Similar Part No. - G9966-ADJTGU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G996 GMT-G996 Datasheet
153Kb / 1P
   1.6X Linear Fan Driver
logo
Agilent(Hewlett-Packard...
G9963A HP-G9963A Datasheet
234Kb / 2P
   NGS Disease Research Panels
G9963B HP-G9963B Datasheet
234Kb / 2P
   NGS Disease Research Panels
logo
Global Mixed-mode Techn...
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
G9965-15TGU GMT-G9965-15TGU Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G9966-ADJTGU

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8330 E-CMOS-EC8330 Datasheet
1Mb / 16P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9967 GMT-G9967 Datasheet
38Kb / 1P
   3A Low Dropout Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM6230 HMSEMI-HM6230 Datasheet
1Mb / 17P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9333 GMT-G9333 Datasheet
31Kb / 1P
   3.3V 3A Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com