Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6603WW27 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6603WW27
Description  Ultra Low Power Multi I/O Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6603WW27 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6603WW27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6603WW27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
EM6603
03/02 REV. G/439
Copyright
 2002, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Table 1. Pin Description
Pin Number Pin Name
Function
Remarks
1
port A, 0
input 0 port A
interrupt request; tvar 1
2
port A, 1
input 1 port A
interrupt request; tvar 2
3
port A, 2
input 2 port A
interrupt request; tvar 3
4
port A, 3
input 3 port A
interrupt request; event counter input
5
port B, 0
input / output 0 port B
buzzer output
6
port B, 1
input / output 1 port B
7
port B, 2
input / output 2 port B
8
port B, 3
input / output 3 port B
9
test
test input terminal
for EM test purpose only (internal pull-down)
10
Qout/osc 1
crystal terminal 1
11
Qin/osc 2
crystal terminal 2 (input)
Can accept trimming capacitor tw. Vss
12
Vss
negative power supply terminal
13
STB/RST
strobe / reset status
µC reset state + port B, C, D write
14
port C, 0
input / output 0 port C
interrupt request
15
port C, 1
input / output 1 port C
interrupt request
16
port C, 2
input / output 2 port C
interrupt request
17
port C, 3
input / output 3 port C
interrupt request
18
port D, 0
input / output 0 port D
SWB Serial Clock Output
19
port D, 1
input / output 1 port D
SWB Serial Data Output
20
port D, 2
input / output 2 port D
21
port D, 3
input / output 3 port D
22
reset
reset terminal
Active high (internal pull-down)
23
Vreg
internal voltage regulator
Needs typ. 100nF capacitor tw. Vss
24
Vdd
positive power supply terminal
Figure 3.Typical Configuration
For Vdd less then 1.4V it is recommended that Vdd is connected directly to Vreg
For Vdd>1.8V then the configuration shown in Fig.3 should be used.


Similar Part No. - EM6603WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WP11 EMMICRO-EM6604WP11 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WP27 EMMICRO-EM6604WP27 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WS11 EMMICRO-EM6604WS11 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WS27 EMMICRO-EM6604WS27 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6603WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
logo
Puya Semiconductor Co.,...
PY25Q80HB PUYA-PY25Q80HB Datasheet
2Mb / 80P
   Ultra-Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32SH PUYA-P25Q32SH Datasheet
3Mb / 106P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 10, 2021
P25Q128H PUYA-P25Q128H Datasheet
3Mb / 104P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q128L PUYA-P25Q128L Datasheet
3Mb / 107P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q80LE PUYA-P25Q80LE Datasheet
2Mb / 73P
   Ultra Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
Nov.12, 2019
P25Q64U PUYA-P25Q64U Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q64H PUYA-P25Q64H Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q32H PUYA-P25Q32H Datasheet
3Mb / 97P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q16SU PUYA-P25Q16SU Datasheet
3Mb / 107P
   Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Jan. 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com