Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1060 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # MBRF1060
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MBRF1060 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  MBRF1060 Datasheet HTML 1Page - GOOD-ARK Electronics MBRF1060 Datasheet HTML 2Page - GOOD-ARK Electronics MBRF1060 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset
2. Clip mounting (on case), where leads do overlap heatsink
3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19")
4. Pulse test: 300us pulse width, 1% duty cycle
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
( T
C = 25
oC unless otherwise noted )
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S5
3
0
1
R
B
M5
4
0
1
R
B
M0
5
0
1
R
B
M0
6
0
1
R
B
Mt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
5
35
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
WV
M
W
R
5
35
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
5
35
40
50
6s
t
l
o
V
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M)
1
.
g
i
F
e
e
S
(
tI
)
V
A
(
F
0
1s
p
m
A
)
z
H
K
0
2
,
e
v
a
w
.
q
s
(
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
v
i
t
i
t
e
p
e
r
k
a
e
P
t
aT
C
5
3
1
=
oC
I
M
R
F
0
2s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5
1s
p
m
A
t
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
e
v
i
t
i
t
e
p
e
r
k
a
e
P
p
0
.
2
=
u
z
H
K
1
,
sI
M
R
R
0
.
15
.
0s
p
m
A
V
d
e
t
a
r
(
e
g
n
a
h
c
f
o
e
t
a
r
e
g
a
t
l
o
V
R)t
d
/
v
d0
0
0
,
0
1/
V us
)
4
e
t
o
N
(
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
V
F
s
t
l
o
V
I
t
a
F
,
A
0
1
=T
C
5
2
=
oC-
0
8
.
0
I
t
a
F
,
A
0
1
=T
C
5
2
1
=
oC7
5
.
00
7
.
0
I
t
a
F
,
A
0
2
=T
C
5
2
=
oC4
8
.
05
9
.
0
I
t
a
F
,
A
0
2
=T
C
5
2
1
=
oC2
7
.
05
8
.
0
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
C
D
d
e
t
a
r
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
)
4
e
t
o
N
(
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
T
C
5
2
=
oC
I
R
0
1
.
0
mA
T
C
5
2
1
=
oC5
1
e
s
a
c
o
t
n
o
i
t
c
n
u
j
m
o
r
f
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
m
u
m
i
x
a
MR
θ C
J
0
.
2
B
R
B
M
/
0
.
4
F
R
B
M
/
0
.
2
R
B
M
o
W
/
C
s
l
a
n
i
m
r
e
t
m
o
r
f
)
y
l
n
o
e
p
y
t
F
R
B
M
(
e
g
a
t
l
o
v
n
o
i
t
a
l
o
s
I
S
M
R
H
R
,
d
n
o
c
e
s
0
.
1
=
t
h
t
i
w
k
n
i
s
t
a
e
h
o
t<
%
0
3
V
L
O
S
I
)
1
e
t
o
N
(
0
0
5
4
)
2
e
t
o
N
(
0
0
5
3
)
3
e
t
o
N
(
0
0
5
1
s
t
l
o
V
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
345


Similar Part No. - MBRF1060

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1060 GE-MBRF1060 Datasheet
105Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
MBRF1060 LUGUANG-MBRF1060 Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
logo
Surge Components
MBRF1060 SURGE-MBRF1060 Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
logo
Micro Commercial Compon...
MBRF1060 MCC-MBRF1060 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MBRF1060 LUGUANG-MBRF1060 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1060

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com