Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2M Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # MF2M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MF2M Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  MF2M Datasheet HTML 1Page - GOOD-ARK Electronics MF2M Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
420
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated chip junctions
High surge overload rating: 40A peak
Saves space on printed circuit boards
Recommended for non-automotive applications
Case: MFxM (MBM), MFxS (MBS)
Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.078 oz., 0.22 g
S
0
1
F
M
u
r
h
t
S
2
F
M
/
M
0
1
F
M
u
r
h
t
M
2
F
M
s
r
e
i
f
i
t
c
e
R
e
g
d
i
r
B
e
s
a
h
P
-
e
l
g
n
i
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
e
r
u
t
a
i
n
i
M
e
r
e
p
m
A
0
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
0
2
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
M
2
F
M
S
2
F
M
M
4
F
M
S
4
F
M
M
6
F
M
S
6
F
M
M
8
F
M
S
8
F
M
M
0
1
F
M
S
0
1
F
M
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
0
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
)
1
.
g
i
F
e
e
s
(
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
t
u
p
t
u
o
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
MI
)
V
A
(
F
0
.
1p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
4s
p
m
A
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
RI2t0
.
5A2
c
e
s
A
4
.
0
t
a
g
e
l
r
e
p
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
1
.
1t
l
o
V
T
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
g
e
l
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
A
5
2
1
=
oC
I
R
0
.
5
0
0
1
uA
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ A
J
R
θ L
J
5
8
)
1
(
0
7
)
2
(
0
2
)
1
(
o
W
/
C
g
e
l
r
e
p
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
T
)
3
(
C
J
3
1
pF
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
2. On aluminum substrate P.C.B. with an area of 0.8 x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
3. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts


Similar Part No. - MF2M

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MF2 MERCURY-MF2 Datasheet
102Kb / 1P
   Surface Mount Crystals
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
MF2000 RIEDON-MF2000 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
   Precision / Metal Film Resistors
logo
List of Unclassifed Man...
MF20080V1-1000U-A99 ETC-MF20080V1-1000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MF2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
DF005MA VISHAY-DF005MA_13 Datasheet
80Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
B2M VISHAY-B2M_V01 Datasheet
89Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
DF005MA VISHAY-DF005MA Datasheet
96Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 14-Jan-08
DFMA VISHAY-DFMA Datasheet
89Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 03-Sep-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com