Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1660 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # MBRB1660
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MBRB1660 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  MBRB1660 Datasheet HTML 1Page - GOOD-ARK Electronics MBRB1660 Datasheet HTML 2Page - GOOD-ARK Electronics MBRB1660 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plastic package has Underwriters Laboratory Flammability
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
366
s
e
i
r
e
S
x
x
6
1
B
R
B
M
&
x
x
6
1
F
R
B
M
,
x
x
6
1
R
B
M
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
s
e
r
e
p
m
A
0
.
6
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
6
o
t
5
3
e
g
a
t
l
o
V
e
s
r
e
v
e
R
TO-220AC
ITO-220AC
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)


Similar Part No. - MBRB1660

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1660 GE-MBRB1660 Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1660 VISHAY-MBRB1660 Datasheet
487Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
logo
Sangdest Microelectroni...
MBRB1660 SMC-MBRB1660 Datasheet
145Kb / 5P
   SCHOTTKY RECTIFIER
logo
Galaxy Semi-Conductor H...
MBRB1660CT BILIN-MBRB1660CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Micro Commercial Compon...
MBRB1660CT MCC-MBRB1660CT Datasheet
594Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBRB1660

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com