Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH16374BDL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BH16374BDL
Description  16-bit D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BH16374BDL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BH16374BDL Datasheet HTML 2Page - NXP Semiconductors BH16374BDL Datasheet HTML 3Page - NXP Semiconductors BH16374BDL Datasheet HTML 4Page - NXP Semiconductors BH16374BDL Datasheet HTML 5Page - NXP Semiconductors BH16374BDL Datasheet HTML 6Page - NXP Semiconductors BH16374BDL Datasheet HTML 7Page - NXP Semiconductors BH16374BDL Datasheet HTML 8Page - NXP Semiconductors BH16374BDL Datasheet HTML 9Page - NXP Semiconductors BH16374BDL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16374B
74ABTH16374B
16-bit D-type flip-flop; positive-edge trigger
(3-State)
1998 Feb 27
6
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40 to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
180
260
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.7
1.4
2.6
2.2
4.0
3.4
1.7
1.4
4.7
3.9
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.3
1.3
2.4
2.3
3.7
3.4
1.3
1.3
4.7
4.6
ns
tPHZ
tPLZ
Output disable time
from High and Low level
3
4
1.9
1.7
3.1
2.6
4.6
4.0
1.9
1.7
5.5
4.4
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40 to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
2
1.0
1.0
0.3
0.1
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
2
1.0
1.0
–0.1
–0.3
1.0
1.0
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
2.8
2.8
1.2
1.5
2.8
2.8
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCP
nQx
SA00328
Waveform 1.
Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
nDx
VM
VM
VM
VM
VM
nCP
ts(H)
th(H)
ts(L)
th(L)
NOTE: The shaded areas indicate when the input is permitted to
change for predictable output performance.
SA00329
Waveform 2.
Data Setup and Hold Times


Similar Part No. - BH16374BDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BH16373BDGG PHILIPS-BH16373BDGG Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
BH16373BDL PHILIPS-BH16373BDL Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
More results

Similar Description - BH16374BDL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com