Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55-C51 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BZT55-C51
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZT55-C51 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BZT55-C51 Datasheet HTML 1Page - GOOD-ARK Electronics BZT55-C51 Datasheet HTML 2Page - GOOD-ARK Electronics BZT55-C51 Datasheet HTML 3Page - GOOD-ARK Electronics BZT55-C51 Datasheet HTML 4Page - GOOD-ARK Electronics BZT55-C51 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
508
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
r
e
b
m
u
n
t
r
a
P
r
o
f
C
+
V
%
5
Z
e
g
a
t
l
o
v
r
e
n
e
Z
)
1
V
Z
I
@
T
Z
)
V
(e
c
n
a
t
s
i
s
e
r
c
i
m
a
n
y
D
t
s
e
T
t
n
e
r
r
u
c
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
c
i
f
f
e
o
c
K
T
Z
V
)
K
/
%
(
t
s
e
T
t
n
e
r
r
u
ct
n
e
r
r
u
c
e
g
a
k
a
e
l
e
s
r
e
v
e
R
.
n
i
M.
x
a
M
I
t
a
T
Z
z
H
k
1
=
f
r
j
z (Ω
Ω)
I
t
a
K
Z
z
H
k
1
=
f
r
j
z (Ω
Ω)
I
T
Z
)
A
m
(.
n
i
M.
x
a
M
I
K
Z
)
A
m
(
t
a
T
b
m
a
5
2
= oC
I
R (u
)
A
t
a
T
b
m
a
0
5
1
=
oC
I
R (u
)
A
V
t
a
R
)
s
t
l
o
V
(
4
V
2
C
-
5
5
T
Z
B8
2
.
26
5
.
25
8
<0
0
6
<5
9
0
.
0
-6
0
.
0
-1
0
5
<0
0
1
<1
7
V
2
C
-
5
5
T
Z
B0
5
.
20
9
.
25
8
<0
0
6
<5
9
0
.
0
-6
0
.
0
-1
0
1
<0
5
<1
0
V
3
C
-
5
5
T
Z
B0
8
.
20
2
.
30
9
<0
0
6
<5
8
0
.
0
-5
0
.
0
-1
4
<0
4
<1
3
V
3
C
-
5
5
T
Z
B0
1
.
30
5
.
30
9
<0
0
6
<5
8
0
.
0
-5
0
.
0
-1
2
<0
4
<1
6
V
3
C
-
5
5
T
Z
B0
4
.
30
8
.
30
9
<0
0
6
<5
8
0
.
0
-5
0
.
0
-1
2
<0
4
<1
9
V
3
C
-
5
5
T
Z
B0
7
.
30
1
.
40
9
<0
0
6
<5
6
0
.
0
-3
0
.
0
-1
2
<0
4
<1
3
V
4
C
-
5
5
T
Z
B0
0
.
40
6
.
40
9
<0
0
6
<5
5
0
.
0
-2
0
.
0
+1
1
<0
2
<1
7
V
4
C
-
5
5
T
Z
B0
4
.
40
0
.
50
8
<0
0
6
<5
2
0
.
0
-2
0
.
0
+1
5
.
0
<0
1
<1
1
V
5
C
-
5
5
T
Z
B0
8
.
40
4
.
50
6
<0
5
5
<5
5
0
.
0
-5
0
.
0
+1
1
.
0
<2
<1
6
V
5
C
-
5
5
T
Z
B0
2
.
50
0
.
60
4
<0
5
4
<5
3
0
.
0
+6
0
.
0
+1
1
.
0
<2
<1
2
V
6
C
-
5
5
T
Z
B0
8
.
50
6
.
60
1
<0
0
2
<5
3
0
.
0
+7
0
.
0
+1
1
.
0
<2
<2
8
V
6
C
-
5
5
T
Z
B0
4
.
60
2
.
78
<0
5
1
<5
3
0
.
0
+7
0
.
0
+1
1
.
0
<2
<3
5
V
7
C
-
5
5
T
Z
B0
0
.
70
9
.
77
<0
5
<5
3
0
.
0
+8
0
.
0
+1
1
.
0
<2
<5
2
V
8
C
-
5
5
T
Z
B0
7
.
70
7
.
87
<0
5
<5
3
0
.
0
+9
0
.
0
+1
1
.
0
<2
<2
.
6
1
V
9
C
-
5
5
T
Z
B0
5
.
80
6
.
90
1
<0
5
<5
3
0
.
0
+1
.
0
+1
1
.
0
<2
<8
.
6
0
1
C
-
5
5
T
Z
B0
4
.
90
6
.
0
15
1
<0
7
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<5
.
7
1
1
C
-
5
5
T
Z
B0
4
.
0
10
6
.
1
10
2
<0
7
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<2
.
8
2
1
C
-
5
5
T
Z
B0
4
.
1
10
7
.
2
10
2
<0
9
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<1
.
9
3
1
C
-
5
5
T
Z
B0
4
.
2
10
1
.
4
16
2
<0
1
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<0
1
5
1
C
-
5
5
T
Z
B0
8
.
3
10
6
.
5
10
3
<0
1
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<1
1
6
1
C
-
5
5
T
Z
B0
3
.
5
10
1
.
7
10
4
<0
7
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<2
1
8
1
C
-
5
5
T
Z
B0
8
.
6
10
1
.
9
10
5
<0
7
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<3
1
0
2
C
-
5
5
T
Z
B0
8
.
8
10
2
.
1
25
5
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<5
1
2
2
C
-
5
5
T
Z
B0
8
.
0
20
3
.
3
25
5
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<6
1
4
2
C
-
5
5
T
Z
B0
8
.
2
20
6
.
5
20
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<8
1
7
2
C
-
5
5
T
Z
B0
1
.
5
20
9
.
8
20
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<0
2
0
3
C
-
5
5
T
Z
B0
0
.
8
20
0
.
2
30
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<2
2
3
3
C
-
5
5
T
Z
B0
0
.
1
30
0
.
5
30
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<4
2
6
3
C
-
5
5
T
Z
B0
0
.
4
30
0
.
8
30
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<7
2
9
3
C
-
5
5
T
Z
B0
0
.
7
30
0
.
1
40
9
<0
0
5
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<5
<0
3
3
4
C
-
5
5
T
Z
B0
0
.
0
40
0
.
6
40
9
<0
0
6
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<5
<3
3
7
4
C
-
5
5
T
Z
B0
0
.
4
40
0
.
0
50
1
1
<0
0
7
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<5
<6
3
1
5
C
-
5
5
T
Z
B0
0
.
8
40
0
.
4
55
2
1
<0
0
7
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<9
3
6
5
C
-
5
5
T
Z
B0
0
.
2
50
0
.
0
65
3
1
<0
0
0
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<3
4
2
6
C
-
5
5
T
Z
B0
0
.
8
50
0
.
6
60
5
1
<0
0
0
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<7
4
8
6
C
-
5
5
T
Z
B0
0
.
4
60
0
.
2
70
0
2
<0
0
0
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<1
5
5
7
C
-
5
5
T
Z
B0
0
.
0
70
0
.
9
70
5
2
<0
0
5
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<6
5
Notes:
1. t
p < 10 ms, T/tp > 1000.
*) Additionnal measurement of Voltage group 9V1 to 75 at 95 % V
zmin < 35 nA at Tj 25
oC


Similar Part No. - BZT55-C51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT55 VISHAY-BZT55 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
BZT55 VISHAY-BZT55 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
BZT55 VISHAY-BZT55 Datasheet
126Kb / 7P
   Small Signal Zener Diodes
01-Jan-2022
logo
Taiwan Semiconductor Co...
BZT55B TSC-BZT55B Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55B10 TSC-BZT55B10 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
More results

Similar Description - BZT55-C51

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com