Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH16373BDGG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BH16373BDGG
Description  16-bit transparent latch 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BH16373BDGG Datasheet(HTML) 1 Page - NXP Semiconductors

  BH16373BDGG Datasheet HTML 1Page - NXP Semiconductors BH16373BDGG Datasheet HTML 2Page - NXP Semiconductors BH16373BDGG Datasheet HTML 3Page - NXP Semiconductors BH16373BDGG Datasheet HTML 4Page - NXP Semiconductors BH16373BDGG Datasheet HTML 5Page - NXP Semiconductors BH16373BDGG Datasheet HTML 6Page - NXP Semiconductors BH16373BDGG Datasheet HTML 7Page - NXP Semiconductors BH16373BDGG Datasheet HTML 8Page - NXP Semiconductors BH16373BDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74ABT16373B
74ABTH16373B
16-bit transparent latch (3-State)
Product specification
Supersedes data of 1995 Aug 03
IC23 Data Handbook
1998 Feb 27
INTEGRATED CIRCUITS


Similar Part No. - BH16373BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BH16374BDGG PHILIPS-BH16374BDGG Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
BH16374BDL PHILIPS-BH16374BDL Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
More results

Similar Description - BH16373BDGG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com