Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR323 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # IR323
Description  5mm Infrared LED , T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR323 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  IR323 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR323 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR323 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR323 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR323 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR323 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR323 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 5 of 7
Device No:DIR-032-012
Prepared date:07-20-2005
Prepared by:Jaine Tsai
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
020
10
25
2
4
50
75
100
120
IF=20mA
6
8
0
IF-Forward Current (mA)
10
10
0
10
1
10
23
10
4
10
100
1000
IR323
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs.
Fig.6 Relative Radiant Intensity vs.
Forward Current
Angular Displacement
Fig.7 Relative Intensity vs.
Fig.8 Forward Voltage vs.
Ambient Temperature(°C)
Ambient Temperature(°C)


Similar Part No. - IR323

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A_15 Datasheet
288Kb / 8P
   5mm Infrared LED
IR323/H0-A EVERLIGHT-IR323/H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
IR3230SPBF IRF-IR3230SPBF Datasheet
445Kb / 22P
   The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
More results

Similar Description - IR323

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com