Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR50N60B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR50N60B
Description  HiPerFAST IGBT ISOPLUS247
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR50N60B Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR50N60B Datasheet HTML 1Page - IXYS Corporation IXGR50N60B Datasheet HTML 2Page - IXYS Corporation IXGR50N60B Datasheet HTML 3Page - IXYS Corporation IXGR50N60B Datasheet HTML 4Page - IXYS Corporation IXGR50N60B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXGR 50N60B
IXGR 50N60BD1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C = IT; VCE = 10 V,
25
35
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
4100
pF
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
300
pF
C
res
50
pF
Q
g
110
nC
Q
ge
I
C = IT, VGE = 15 V, VCE = 0.5 VCES
30
nC
Q
gc
35
nC
t
d(on)
50
ns
t
ri
50
ns
t
d(off)
110
270
ns
t
fi
85
150
ns
E
off
3.0
4.0
mJ
t
d(on)
50
ns
t
ri
60
ns
E
on
3mJ
t
d(off)
200
ns
t
fi
250
ns
E
off
4.2
mJ
R
thJC
0.5 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IT, VGE = 15 V, L = 100uH
V
CE = 0.8 • VCES, RG = Roff = 2.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°
°°°°C
I
C = IT, VGE = 15 V, L = 100uH
V
CE = 0.8 • VCES, RG = Roff = 2.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
ISOPLUS 247 OUTLINE
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80
21.34
.819 .840
E
15.75
16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
1 Gate, 2 Drain (Collector)
3 Source (Emitter)
4 no connection
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F
=
I
T, VGE = 0 V,
T
J = 150°C
1.6
V
Pulse test, t
≤ 300 ms, duty cycle ≤ 2 %
2.5
V
I
RM
I
F
=
I
T, VGE = 0 V, -diF/dt = 100 A/ms,TJ = 100°C
3.2
A
V
R = 100 V
ns
t
rr
I
F
= 1 A; -di/dt = 200 A/ms; V
R = 30 V
35
ns
R
thJC
0.85 K/W
Note: I
T,= 50A
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463


Similar Part No. - IXGR50N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR50N60B2 IXYS-IXGR50N60B2 Datasheet
518Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60B2D1 IXYS-IXGR50N60B2D1 Datasheet
518Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
More results

Similar Description - IXGR50N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR35N120B IXYS-IXGR35N120B Datasheet
49Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR12N60C IXYS-IXGR12N60C Datasheet
59Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR40N60C IXYS-IXGR40N60C Datasheet
262Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR32N60CD1 IXYS-IXGR32N60CD1 Datasheet
572Kb / 5P
   HiPerFAST IGBT with Diode ISOPLUS247
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com