Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR50N60B Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGR50N60B
Description  HiPerFAST IGBT ISOPLUS247
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR50N60B Datasheet(HTML) 3 Page - IXYS Corporation

  IXGR50N60B Datasheet HTML 1Page - IXYS Corporation IXGR50N60B Datasheet HTML 2Page - IXYS Corporation IXGR50N60B Datasheet HTML 3Page - IXYS Corporation IXGR50N60B Datasheet HTML 4Page - IXYS Corporation IXGR50N60B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
Fig. 1. Saturation Voltage Characteristics
Fig. 4. Temperature Dependence of V
CE(sat)
Fig. 3. Saturation Voltage Characteristics
Fig. 5. Saturation Voltage Characteristics
Fig. 6. Junction Capacitance Curves
V
CE - Volts
02468
10
0
40
80
120
160
200
V
GE - Volts
0
2468
10
0
20
40
60
80
100
V
CE-Volts
0
5
10
15
20
25
30
35
40
10
100
1000
10000
T
J - Degrees C
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
CE - Volts
01
23
45
0
20
40
60
80
100
9V
5V
V
CE = 10V
T
J = 25°C
T
J = 25°C
I
C = 25A
I
C = 50A
I
C = 100A
T
J = 125°C
f = 1Mhz
7V
V
GE = 15V
T
J = 25°C
V
CE - Volts
0123
45
0
20
40
60
80
100
T
J = 125°C
Ciss
Coss
7V
5V
V
GE = 15V
13V
11V
9V
9V
V
GE = 15V
13V
11V
V
GE = 15V
13V
7V
11V
Crss
5V
IXGR 50N60B
IXGR 50N60BD1


Similar Part No. - IXGR50N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR50N60B2 IXYS-IXGR50N60B2 Datasheet
518Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR50N60B2D1 IXYS-IXGR50N60B2D1 Datasheet
518Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
More results

Similar Description - IXGR50N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR35N120B IXYS-IXGR35N120B Datasheet
49Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR12N60C IXYS-IXGR12N60C Datasheet
59Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR40N60C IXYS-IXGR40N60C Datasheet
262Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR32N60CD1 IXYS-IXGR32N60CD1 Datasheet
572Kb / 5P
   HiPerFAST IGBT with Diode ISOPLUS247
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com