Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21367 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21367
Description  3-PHASE BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21367 Datasheet(HTML) 1 Page - International Rectifier

  IRS21367 Datasheet HTML 1Page - International Rectifier IRS21367 Datasheet HTML 2Page - International Rectifier IRS21367 Datasheet HTML 3Page - International Rectifier IRS21367 Datasheet HTML 4Page - International Rectifier IRS21367 Datasheet HTML 5Page - International Rectifier IRS21367 Datasheet HTML 6Page - International Rectifier IRS21367 Datasheet HTML 7Page - International Rectifier IRS21367 Datasheet HTML 8Page - International Rectifier IRS21367 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.irf.com
1
3-PHASE BRIDGE DRIVER
Packages
Description
The IRS2136x are high voltage, high
speed power MOSFET and IGBT driver with
three independent high side and low side
referenced
output
channels
for
3-phase
applications. Proprietary HVIC technology
enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or
LSTTL outputs, down to 3.3 V logic. A current
trip function which terminates all six outputs
can be derived from an external current sense
resistor. An enable function is available to
terminate all six outputs simultaneously. An
open-drain FAULT signal is provided to
indicate that an overcurrent or undervoltage shutdown has occurred. Overcurrent fault conditions are cleared automatically after a
delay programmed externally via an RC network connected to the RCIN input. The output drivers feature a high pulse current buffer
stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications.
The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration which operates up to
600 V.
Part
IRS2136
IRS21362
IRS21363
IRS21365
IRS21366
IRS21367
IRS21368
Input Logic
___ ___
HIN, LIN
___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
ton (typ.)
530 ns
530 ns
530 ns
530 ns
200 ns
200 ns
530 ns
toff (typ.)
530 ns
530 ns
530 ns
530 ns
200 ns
200 ns
530 ns
VIH (min.)
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
VIL (max.)
0.8 V
0.8 V
0.8 V
0.8 V
0.8 V
0.8 V
0.8 V
VITRIP+
0.46 V
0.46 V
0.46 V
4.3 V
0.46 V
4.3 V
4.3 V
VCCUV+/
VBSUV+
8.9 V
10.4 V
11.1 V
11.1 V
11.1 V
11.1 V
8.9 V
VCCUV-/
VBSUV-
8.2 V
9.4 V
10.9 V
10.9 V
10.9 V
10.9 V
8.2 V
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt immune
Gate drive supply range from 10 V to 20 V (IRS2136/
IRS21368), 11.5 V to 20 V (IRS21362), or 12 V to 20 V
(IRS21363/IRS21365/IRS21366/IRS21367
Undervoltage lockout for all channels
Over-current shutdown turns off all six drivers
Independent 3 half-bridge drivers
Matched propagation delay for all channels
Cross-conduction prevention logic
Low side output out of phase with inputs. High side outputs
out of phase (IRS213(6,63, 65, 66, 67, 68)), or in phase
(IRS21362) with inputs
3.3 V logic compatible
Lower di/dt gate drive for better noise immunity
Externally programmable delay for automatic fault clear
All parts are LEAD-FREE
IRS2136/IRS21362/IRS21363/IRS21365/
IRS21366/IRS21367/IRS21368 (J&S) PbF
28-Lead SOIC
28-Lead PDIP
44-Lead PLCC w/o 12 Leads
Applications:
*Motor Control
*Air Conditioners/ Washing Machines
*General Purpose Inverters
*Micro/Mini Inverter Drives
PRELIMINARY
Data Sheet No. PD60272
Feature Comparison:
IRS2136x
Typical Connection


Similar Part No. - IRS21367

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21367D IRF-IRS21367D Datasheet
604Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS21367

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com