Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTK120N25P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTK120N25P
Description  PolarHT Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK120N25P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTK120N25P Datasheet HTML 1Page - IXYS Corporation IXTK120N25P Datasheet HTML 2Page - IXYS Corporation IXTK120N25P Datasheet HTML 3Page - IXYS Corporation IXTK120N25P Datasheet HTML 4Page - IXYS Corporation IXTK120N25P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTK 120N25P
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 0.5 ID25, pulse test
50
70
S
C
iss
8000
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1300
pF
C
rss
220
pF
t
d(on)
30
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 60 A
33
ns
t
d(off)
R
G = 3.3 Ω (External)
130
ns
t
f
33
ns
Q
g(on)
185
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
50
nC
Q
gd
80
nC
R
thJC
0.18
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
120
A
I
SM
Repetitive
300
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 25 A, -di/dt = 100 A/µs
200
ns
Q
RM
V
R = 100 V, VGS = 0 V
3.0
µC
TO-264 (IXTK) Outline
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Dim.
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2


Similar Part No. - IXTK120N25P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK120N25 IXYS-IXTK120N25 Datasheet
85Kb / 2P
   High Current MegaMOSFET
IXTK120N25 IXYS-IXTK120N25 Datasheet
584Kb / 5P
   High Current MegaMOS FET
More results

Similar Description - IXTK120N25P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK102N30P IXYS-IXTK102N30P Datasheet
224Kb / 5P
   PolarHT Power MOSFET
IXTQ82N25P IXYS-IXTQ82N25P Datasheet
610Kb / 5P
   PolarHT Power MOSFET
IXTH88N30P IXYS-IXTH88N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ64N25 IXYS-IXTQ64N25 Datasheet
577Kb / 5P
   PolarHT Power MOSFET
IXTQ200N06P IXYS-IXTQ200N06P Datasheet
155Kb / 5P
   PolarHT Power MOSFET
IXTK140N20P IXYS-IXTK140N20P Datasheet
564Kb / 5P
   PolarHT Power MOSFET
IXTA62N15P IXYS-IXTA62N15P Datasheet
251Kb / 5P
   PolarHT Power MOSFET
IXTQ36N30P IXYS-IXTQ36N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ110N055P IXYS-IXTQ110N055P Datasheet
120Kb / 5P
   PolarHT Power MOSFET
IXTQ69N30 IXYS-IXTQ69N30 Datasheet
107Kb / 5P
   PolarHT Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com