Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-37F0061H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQX-37F0061H
Description  MINIATURE HIGH POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-37F0061H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQX-37F0061H Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-37F0061H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Initial Insulation Resistance
Between coil and Contacts
Between open contacts
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Temperature rise (at nomi. Volt.)
Functional
Destructive
Vibration Resistance
Ambient temperature
Humidity
Termination
Unit weight
Construction
1.2W
Features
File No.:E134517
File No.:CQC02001001955
Dielectric
Strength
Shock Resistance
HONGFA RELAY
Coil power
30A 250VAC
2HP 125VAC/250VAC
TV-15 120VAC
ISO9001*ISO/TS16949 *ISO14001 CERTIFIED
VERSION: EN02-20040601
155
JQX-37F
1A
30m
(at 1A 6VDC)
AgSnO,AgCdO
30A 250VAC, 2HP 250VAC
250VAC
30A
7500VA
5 x 106 OPS
1 x 105 OPS (30A 250VAC)
2 x 105 OPS (2HP 250VAC)
Contact Arrangement
Initial Contact Resistance Max.
Contact Material
Contact Rating (Res. Load)
Max. switching voltage
Max. switching current
Max. switching power
Mechanical life
1000M , 500VDC
4000VAC 1min.
1200VAC 1min.
Max. 20ms
Max. 5ms
Max. 60
200 m/s2
1000 m/s2
1.5mm, 10 to 55Hz
-40
to +70
35% to 95%, +40
QC
Approx. 55g
Dust cover
Electrical life
5
6
9
12
24
48
60
3.50
4.20
6.30
8.40
16.8
33.6
42.0
0.50
0.60
0.90
1.20
2.40
4.80
6.00
6.0
7.2
10.8
14.4
28.8
57.6
72.0
20
10%
30
10%
67
10%
120
10%
480
10%
1920
10%
3000
10%
MINIATURE HIGH POWER RELAY
CONTACT DATA
CHARACTERISTICS
COIL
Nominal
Voltage
VDC
Coil
Resistance
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
Max.
allowable
Voltage
VDC(at 20
)
COIL DATA
SAFETY APPROVAL RATINGS
UL
30 A switching capabilities
SPST-NO configurations
Withstands inrush current of 70 A
TV-15 at 120VAC
*
*
*
*


Similar Part No. - JQX-37F0061H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-38F ETC2-JQX-38F Datasheet
758Kb / 1P
   POWER RELAY
More results

Similar Description - JQX-37F0061H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com