Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16823ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT16823ADGG
Description  18-bit bus interface D-type flip-flop with reset and enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16823ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT16823ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16823A
74ABTH16823A
18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
2
1998 Feb 27
853-1791 19025
FEATURES
Two sets of high speed parallel registers with positive
edge-triggered D-type flip-flops
Ideal where high speed, light loading, or increased fan-in are
required with MOS microprocessors
Live insertion/extraction permitted
Power-up 3-State
74ABTH16823A incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Power-up Reset
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT16823A 18-bit bus interface register is designed to
eliminate the extra packages required to buffer existing registers and
provide extra data width for wider data/address paths of buses
carrying parity.
The 74ABT16823A has two 9-bit wide buffered registers with Clock
Enable (nCE) and Master Reset (nMR) which are ideal for parity bus
interfacing in high microprogrammed systems.
The registers are fully edge-triggered. The state of each D input, one
set-up time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
Two options are available, 74ABT16823A which does not have the
bus-hold feature and 74ABTH16823A which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
2.3
1.9
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
6
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent su
ly current
Outputs low; VCC = 5.5V
9
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16823A DL
BT16823A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16823A DGG
BT16823A DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16823A DL
BH16823A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16823A DGG
BH16823A DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
2, 27
1OE, 2OE
Output enable input (active-Low)
54, 52, 51, 49, 48, 47, 45, 44, 43
42, 41, 40, 38, 37, 36, 34, 33, 31
1D0-1D8
2D0-2D8
Data inputs
3, 5, 6, 8, 9, 10, 12, 13, 14
15, 16, 17, 19, 20, 21, 23, 24, 26
1Q0-1Q8
2Q0-2Q8
Data outputs
56, 29
1CP, 2CP
Clock pulse input (active rising edge)
55, 30
1CE, 2CE
Clock enable input (active-Low)
1, 28
1MR, 2MR
Master reset input (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Similar Part No. - 74ABT16823ADGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABT16823DGGRE4 TI-74ABT16823DGGRE4 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ABT16823DGGRE4 TI-74ABT16823DGGRE4 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ABT16823DGGRG4 TI-74ABT16823DGGRG4 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16823ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com