Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16841A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABTH16841A
Description  20-bit bus interface latch 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16841A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABTH16841A Datasheet HTML 2Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 3Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 4Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 5Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 6Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 7Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 8Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 9Page - NXP Semiconductors 74ABTH16841A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16841A
74ABTH16841A
20-bit bus interface latch (3-State)
1998 Feb 27
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
Max
ts(H)
ts(L)
Setup time, High or Low
nDx to nLE
3
2.0
1.0
1.0
0.4
2.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nLE
3
2.0
2.0
–0.3
–0.7
2.0
2.0
ns
tw(H)
nLE pulse width High
1
2.9
1.9
2.9
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tw(H)
tPHL
tPLH
nLE
nQx
SA00078
VM
VM
VM
VM
VM
3.0V or VCC
whichever
is less
0V
VOH
VOL
Waveform 1. Propagation Delay, Latch Enable Input to
Output, and Enable Pulse Width
nDx INPUT
VM
tPLH
tPHL
nQx OUTPUT
VM
VM
VM
SA00079
3.0V or VCC
whichever
is less
0V
3.0V or VCC
whichever
is less
0V
Waveform 2. Propagation Delay for Data to Outputs
NOTE: The shaded areas indicate when the input is
permitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nLE
ts(H)
th(H)
ts(L)
th(L)
SA00080
VM
0V
0V
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
Waveform 3. Data Setup and Hold Times
VY
VM
VM
VM
nQx
tPZH
tPHZ
SH00007
nOE
0V
VOH
0V
3.0V or VCC
whichever
is less
Waveform 4. 3–State Output Enable Time to High Level
and Output Disable Time from High Level
VX
VM
VM
VM
nQx
tPZL
tPLZ
SH00008
nOE
VOL
0V
0V
3.0V or VCC
3.0V or VCC
whichever
is less
Waveform 5. 3–State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74ABTH16841A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16821A PHILIPS-74ABTH16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADGG PHILIPS-74ABTH16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADL PHILIPS-74ABTH16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
More results

Similar Description - 74ABTH16841A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
   2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
logo
Texas Instruments
SN74ALVCH162841 TI-SN74ALVCH162841 Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI-SN74ALVCH16841 Datasheet
132Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI1-SN74ALVCH162841_09 Datasheet
347Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com