Electronic Components Datasheet Search |
|
HSD16M64D16A-12 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd |
|
HSD16M64D16A-12 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd |
5 / 10 page HANBit HSD16M64D16A URL: www.hbe.co.kr 5 HANBit Electronics Co.,Ltd REV 1.0 (August.2002) DC OPERATING CONDITIONS (Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70 ° C) ) PARAMETER SYMBOL MIN TYP. MAX UNIT NOTE Supply Voltage Vcc 3.0 3.3 3.6 V Input High Voltage VIH 2.0 3.0 Vcc+0.3 V 1 Input Low Voltage VIL -0.3 0 0.8 V 2 Output High Voltage VOH 2.4 - - V IOH = -2mA Output Low Voltage VOL - - 0.4 V IOL = 2mA Input leakage current I LI -10 - 10 uA 3 Notes : 1. VIH (max) = 5.6V AC. The overshoot voltage duration is ≤ 3ns. 2. VIL (min) = -2.0V AC. The undershoot voltage duration is ≤ 3ns. 3. Any input 0V ≤ VIN ≤ VDDQ. Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs. CAPACITANCE (VCC = 3.3V, TA = 23 ° C, f = 1MHz, VREF =1.4V ± 200 mV) DESCRIPTION SYMBOL MIN MAX UNITS Clock CCLK 18 25 pF /RAS, /CAS,/WE,/CE, CKE, DQM CIN 50 95 pF Address CADD 50 95 pF DQ (DQ0 ~ DQ7) COUT 13 18 pF DC CHARACTERISTICS (Recommended operating condition unless otherwise noted, TA = 0 to 70 ° C) VERSION PARAMETER SYMBOL TEST CONDITION -13 -12 -10 10L UNIT NOT E Operating current (One bank active) ICC1 Burst length = 1 tRC ≥ tRC(min) IO = 0mA 1200 1200 1120 112 0 mA 1 ICC2P CKE ≤ VIL(max) tCC=10ns 16 mA Precharge standby current in power-down mode ICC2PS CKE & CLK ≤ VIL(max) tCC= ∞ 16 mA Precharge standby current in non power-down mode ICC2N CKE ≥ VIH(min) CS* ≥ VIH(min), tCC=10ns Input signals are changed one time during 20ns 192 mA |
Similar Part No. - HSD16M64D16A-12 |
|
Similar Description - HSD16M64D16A-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |